Electronic Components Datasheet Search
  English  ▼

X  

GMBT3906 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBT3906
Description  PNP Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBT3906 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBT3906 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT3906 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT3906 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT3906 Datasheet HTML 4Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBT3906(销售型號 MMBT3906)
■
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 電特性
(T
(T
(T
(TA
=
=
=
=25
25
25
25℃ unless
unless
unless
unless otherwise
otherwise
otherwise
otherwise noted
noted
noted
noted 如無特殊說明,溫度爲 25℃))))
■
OFF
OFF
OFF
OFF CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 截止電特性
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Collector-Emitter Breakdown Voltage(3)
集電極-發射極擊穿電壓(Ic=-1.0mAdc,IB=0)
V(BR)CEO
-40
—
Vdc
Collector-Base Breakdown Voltage
集電極-基極擊穿電壓(Ic=-10μAdc,IE=0)
V(BR)CBO
-40
—
Vdc
Emitter-Base Breakdown Voltage
發射極-基極擊穿電壓(IE=-10μAdc,Ic=0)
V(BR)EBO
-6.0
—
Vdc
Base Cutoff Current
基極截止電流(VCE=-30Vdc, VEB =-3.0 Vdc)
IBEX
—
-50
nAdc
Collector Cutoff Current
集電極截止電流(VCE=-30Vdc, VEB =-3.0Vdc)
ICEX
—
-50
nAdc
■
ON
ON
ON
ON CHARCTERISTICS(2)
CHARCTERISTICS(2)
CHARCTERISTICS(2)
CHARCTERISTICS(2)導通電特性
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
DC Current Gain 直流電流增益
hPE
—
(Ic=-0.1mAdc,VCE=-1.0Vdc)
40
—
(Ic=-1.0mAdc,VCE=-1.0Vdc)
70
—
(Ic=-10mAdc,VCE=-1.0Vdc)
100
300
(Ic=-50mAdc,VCE=-1.0Vdc)
60
—
(Ic=-100mAdc,VCE=-1.0Vdc)
30
—
Collector-Emitter Saturation Voltage
集電極-發射極飽和壓降
(Ic=-10mAdc, IB=-1.0mAdc)
(Ic=-50mAdc, IB=-5.0mAdc)
VCE(sat)
—
—
-0.25
-0.4
Vdc
Base-Emitter Saturation Voltage
基極發射極飽和壓降
(Ic=-10mAdc, IB=-1.0mAdc)
(Ic=-50mAdc, IB=-5.0mAdc)
VBE(sat)
-0.65
—
-0.85
-0.95
Vdc



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com