Electronic Components Datasheet Search
  English  ▼

X  

GMBT3906 Datasheet(PDF) 3 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBT3906
Description  PNP Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBT3906 Datasheet(HTML) 3 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBT3906 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT3906 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT3906 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT3906 Datasheet HTML 4Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBT3906(销售型號 MMBT3906)
■
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 小信號特性
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Current-Gain-Bandwidth Product
電流增益-帶寬乘積
(Ic=-10mAdc,VCE=-20Vdc,f=100MHz)
fT
300
—
MHz
Output Capacitance 輸出電容
(VCB=-5.0Vdc, IE=0, f=1.0MHz)
Cobo
—
4.0
pF
Input Capacitance 輸入電容
(VEB=-0.5Vdc, IC=0, f=1.0MHz)
Cibo
—
8.0
pF
Input Impedance 輸入阻抗
(VCE=-10Vdc, IC=-1.0mAdc, f=1.0KHz)
hie
1.0
10
kΩ
Voltage Feedback Ratio 電壓反饋係數
(VCE=-10Vdc, IC=-1.0mAdc, f=1.0KHz)
hre
0.5
8.0
×10-4
Small-Signal Current Gain 小信號電流增益
(VCE=-10Vdc, IC=-1.0mAdc, f=1.0KHz)
hfe
100
400
—
Output Admittance 輸出導納
(VCE=-10Vdc, IC=-1.0mAdc, f=1.0KHz)
hoe
1.0
40
μmhos
Noise Figure 噪声係數
(VCE=-5.0Vdc, IC=-100μAdc,Rs=1.0 kΩf=1.0KHz)
NF
—
5.0
dB
■
SWITCHING
SWITCHING
SWITCHING
SWITCHING CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 開關特性
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Delay Time
延遲時間
(VCC=-3.0Vdc,VBE=-0.5Vdc,
IC=-10mAdc, IB1=-1.0mAdc)
td
—
35
ns
Rise Time
上升時間
tr
—
35
Storage Time
儲存時間
(VCC=-3.0Vdc,IC=-10mAdc,
IB1=IB2=-1.0mAdc)
ts
—
225
ns
Fall Time
下降時間
tf
—
75
1. FR-5=1.0×0.75×0.062in.
2. Alumina=0.4×0.3×0.024in.99.5%alumina.
3. Pulse Width<300us;Duty Cycle<2.0%.
4.
Pulse Test: Pulse Width<300us;Duty Cycle<2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com