Electronic Components Datasheet Search
  English  ▼

X  

GMBTA06 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBTA06
Description  NPN Low Frequency Amplifier Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBTA06 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBTA06 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBTA06 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin Strong Micro-Electronics Co.,Ltd.
GMBTA06
■
ELECTRICAL CHARACRTERISTICS 電特性
(TA=25℃ unless otherwise noted 如無特殊說明,溫度爲 25℃)
Characteristic
特性參數
Symbol
符號
Test Condition
測試條件
Min.
最小值
Typ.
典型值
Max.
最大值
Unit
單位
Collector Cutoff Current
集電極截止電流
ICBO
VCB=80V,IE=0
—
—
0.1
μ
A
Collector Emitter Current
集電極發射極電流
ICES
VCE=60V, VBE=0
—
—
0.1
μ
A
Collect-Base Breakdown Voltage
集電極
-基極擊穿電壓
V(BR)CBO
IC=100μA
80
—
—
V
Collect-Base Breakdown Voltage
集電極
-基極擊穿電壓
V(BR)CEO
IC=1.0mA
80
—
—
V
Emitter-Base Breakdown Voltage
發射極
-基極擊穿電壓
V(BR)EBO
IE=100μA
4
—
—
V
DC Current Gain
直流電流增益
hFE(1)
VCE=1V,IC=10mA
100
—
—
—
hFE(2)
VCE=1V,IC=100mA
100
—
—
Collector-Emitter Saturation Voltage
集電極
-發射極飽和壓降
VCE(sat)
IC=100mA,
IB=10mA
—
—
0.25
V
Base-Emitter Saturation Voltage
基極
-發射極飽和壓降
VBE(sat)
IC=100mA,
IB=10mA
—
—
1.2
V
Base-Emitter Saturation Voltage
基極
-發射極電壓
VBE
VCE=1V,IC=100mA
—
—
1.2
V
Transition Frequency
特徵頻率
fT
VCE=2V,IC=10mA
100
—
—
MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com