Electronic Components Datasheet Search
  English  ▼

X  

GMBTA06 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBTA06
Description  NPN Low Frequency Amplifier Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBTA06 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBTA06 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBTA06 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin Strong Micro-Electronics Co.,Ltd.
GMBTA06
■
FEATURES 特點
NPN Low Frequency Amplifier Transistor
■
MAXIMUM RATINGS 最大額定值(Ta=25℃)
Characteristic
特性參數
Symbol
符號
Rating
額定值
Unit
單位
Collector-Base voltage
集電極
-基極電壓
VCBO
80
Vdc
-Collector-Emitter Voltage
集電極
-發射極電壓
VCEO
80
Vdc
Emitter-Base voltage
發射極
-基極電壓
VEBO
4.0
Vdc
Collector Current-Continuous
集電極電流
-連續
Ic
500
mAdc
Base-Current
基極電流
IB
50
mAdc
Collector Power Dissipation
集電極耗散功率
PC
300
mW
Junction Temperature
結溫
Tj
150
℃
Storage Temperature Range
儲存溫度
Tstg
-55〜150
℃
■
DEVICE MARKING 打標
GMBTA06(MMBTA06)=1GM


Similar Part No. - GMBTA06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMBTA06 ETC2-GMBTA06 Datasheet
226Kb / 2P
NPN SILICON TRANSISTOR
logo
GTM CORPORATION
GMBTA06 GTM-GMBTA06 Datasheet
226Kb / 2P
NPN SILICON TRANSISTOR
logo
E-Tech Electronics LTD
GMBTA06 ETL-GMBTA06 Datasheet
233Kb / 2P
The GMBTA06 is designed for general purpose amplifier applications
logo
Belden Inc.
GMBTA06 BELDEN-GMBTA06 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 6f SM OS2 G.652.D & G.657.A1.
01-20-2023
More results

Similar Description - GMBTA06

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC1098 SAMSUNG-KSC1098 Datasheet
223Kb / 7P
NPN (LOW FREQUENCY AMPLIFIER)
KSC3265 SAMSUNG-KSC3265 Datasheet
28Kb / 1P
NPN (LOW FREQUENCY AMPLIFIER)
logo
Guilin Strong Micro-Ele...
GM817 GSME-GM817 Datasheet
228Kb / 2P
NPN Low Frequency Amplifier Transistor
GM9013 GSME-GM9013_15 Datasheet
208Kb / 2P
NPN Low Frequency Amplifier Transistor
GMBTA05 GSME-GMBTA05 Datasheet
204Kb / 2P
NPN Low Frequency Amplifier Transistor
GMC3265 GSME-GMC3265 Datasheet
204Kb / 2P
NPN Low Frequency Amplifier Transistor
GMC3876 GSME-GMC3876 Datasheet
206Kb / 2P
NPN Low Frequency Amplifier Transistor
GMD596 GSME-GMD596 Datasheet
206Kb / 2P
NPN Low Frequency Amplifier Transistor
logo
FutureWafer Tech Co.,Lt...
2SC1815 FUTUREWAFER-2SC1815 Datasheet
891Kb / 7P
Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
2SC945 FUTUREWAFER-2SC945 Datasheet
932Kb / 7P
Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com