Electronic Components Datasheet Search
  English  ▼

X  

AD974 Datasheet(PDF) 1 Page - Analog Devices

Part # AD974
Description  4-Channel, 16-Bit, 200 kSPS Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD974 Datasheet(HTML) 1 Page - Analog Devices

  AD974 Datasheet HTML 1Page - Analog Devices AD974 Datasheet HTML 2Page - Analog Devices AD974 Datasheet HTML 3Page - Analog Devices AD974 Datasheet HTML 4Page - Analog Devices AD974 Datasheet HTML 5Page - Analog Devices AD974 Datasheet HTML 6Page - Analog Devices AD974 Datasheet HTML 7Page - Analog Devices AD974 Datasheet HTML 8Page - Analog Devices AD974 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD974
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
4-Channel, 16-Bit, 200 kSPS
Data Acquisition System
FUNCTIONAL BLOCK DIAGRAM
CONTROL LOGIC
&
CALIBRATION CIRCUITRY
PWRD
V1A
V1B
BIP
CAP
REF
VDIG
VANA
EXT/
INT
DATACLK
R/
C
CS
SYNC
DGND
BUSY
WR2
WR1
A1
A0
AGND2
AGND1
REF
BUFF
2.5V
REFERENCE
AD974
4 TO 1
MUX
+
LATCH
EN
V2A
V2B
V3A
V3B
V4A
V4B
SWITCHED
CAP ADC
SERIAL
INTERFACE
16
DATA
RESISTIVE
NETWORK
RESISTIVE
NETWORK
RESISTIVE
NETWORK
RESISTIVE
NETWORK
CLOCK
FEATURES
Fast 16-Bit ADC with 200 kSPS Throughput
Four Single-Ended Analog Input Channels
Single +5 V Supply Operation
Input Ranges: 0 V to +4 V, 0 V to +5 V and
10 V
120 mW Max Power Dissipation
Power-Down Mode 50
W
Choice of External or Internal 2.5 V Reference
On-Chip Clock
Power-Down Mode
GENERAL DESCRIPTION
The AD974 is a four-channel, data acquisition system with a
serial interface. The part contains an input multiplexer, a high-
speed 16-bit sampling ADC and a +2.5 V reference. All of this
operates from a single +5 V power supply that also has a power-
down mode. The part will accommodate 0 V to +4 V, 0 V to
+5 V or
±10 V analog input ranges.
The interface is designed for an efficient transfer of data while
requiring a low number of interconnects.
The AD974 is comprehensively tested for ac parameters such as
SNR and THD, as well as the more traditional parameters of
offset, gain and linearity.
The AD974 is fabricated on Analog Devices’ BiCMOS process,
which has high performance bipolar devices along with CMOS
transistors.
The AD974 is available in 28-lead DIP, SOIC and SSOP
packages.
PRODUCT HIGHLIGHTS
1. The AD974 is a complete data acquisition system combining
a four-channel multiplexer, a 16-bit sampling ADC and a
+2.5 V reference on a single chip.
2. The part operates from a single +5 V supply and also has a
power-down feature.
3. Interfacing to the AD974 is simple with a low number of
interconnect signals.
4. The AD974 is comprehensively specified for ac parameters
such as SNR and THD, as well as dc parameters such as
linearity and offset and gain errors.


Similar Part No. - AD974

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD974 AD-AD974 Datasheet
202Kb / 20P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV.A
AD974 AD-AD974 Datasheet
189Kb / 20P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD974 AD-AD974 Datasheet
237Kb / 21P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
23-Feb-2017
AD9740 AD-AD9740 Datasheet
743Kb / 20P
10-Bit, 165 MSPS TxDAC D/A Converter
REV.0
AD9740-EB AD-AD9740-EB Datasheet
743Kb / 20P
10-Bit, 165 MSPS TxDAC D/A Converter
REV.0
More results

Similar Description - AD974

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
AD363 AD-AD363 Datasheet
682Kb / 8P
Complete 16-Channel,12-Bit Data Acquisition System
AD8401 AD-AD8401 Datasheet
225Kb / 12P
8-Bit, 4-Channel Data Acquisition System
REV.0
AD974 AD-AD974 Datasheet
202Kb / 20P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV.A
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
AD974BRSZ AD-AD974BRSZ Datasheet
189Kb / 20P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
16 Channel 12 Bit Data Acquisition System
REV. A
AD8401 AD-AD8401_15 Datasheet
228Kb / 12P
8-Bit, 4-Channel Data Acquisition System
REV. 0
AD974 AD-AD974_17 Datasheet
237Kb / 21P
4-Channel, 16-Bit, 200 kSPS Data Acquisition System
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com