Electronic Components Datasheet Search
  English  ▼

X  

AD974 Datasheet(PDF) 2 Page - Analog Devices

Part # AD974
Description  4-Channel, 16-Bit, 200 kSPS Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD974 Datasheet(HTML) 2 Page - Analog Devices

  AD974 Datasheet HTML 1Page - Analog Devices AD974 Datasheet HTML 2Page - Analog Devices AD974 Datasheet HTML 3Page - Analog Devices AD974 Datasheet HTML 4Page - Analog Devices AD974 Datasheet HTML 5Page - Analog Devices AD974 Datasheet HTML 6Page - Analog Devices AD974 Datasheet HTML 7Page - Analog Devices AD974 Datasheet HTML 8Page - Analog Devices AD974 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. A
–2–
AD974–SPECIFICATIONS
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
16
16
Bits
ANALOG INPUT
Voltage Range
±10 V, 0 V to +4 V, 0 V to +5 V (See Table I)
Impedance
Channel On or Off
(See Table I)
Sampling Capacitance
40
40
pF
THROUGHPUT SPEED
Complete Cycle
(Acquire and Convert)
5
5
µs
Throughput Rate
200
200
kHz
DC ACCURACY
Integral Linearity Error
±3
±2.0
LSB1
Differential Linearity Error
–2
+3
–1
+1.75
LSB
No Missing Codes
15
16
Bits
Transition Noise2
1.0
1.0
LSB
Full-Scale Error3
Internal Reference
±0.5
±0.25
%
Full-Scale Error Drift
Internal Reference
±7
±7
ppm/
°C
Full-Scale Error
Ext. REF = +2.5 V
±0.5
±0.25
%
Full-Scale Error Drift
Ext. REF = +2.5 V
±2
±2
ppm/
°C
Bipolar Zero Error
Bipolar Range
±10
±10
mV
Bipolar Zero Error Drift
Bipolar Range
±2
±2
ppm/
°C
Unipolar Zero Error
Unipolar Ranges
±10
±10
mV
Unipolar Zero Error Drift
Unipolar Ranges
±2
±2
ppm/
°C
Channel-to-Channel Matching
±0.1
±0.05
% FSR
Recovery to Rated Accuracy
After Power-Down4
2.2
µF to CAP
1
1
ms
Power Supply Sensitivity
VANA = VDIG = VD
VD = 5 V
± 5%
±8
±8
LSB
AC ACCURACY
Spurious Free Dynamic Range
fIN = 20 kHz
90
96
dB5
Total Harmonic Distortion
fIN = 20 kHz
–90
–96
dB
Signal-to-(Noise+Distortion)
fIN = 20 kHz
83
85
dB
–60 dB Input
27
28
dB
Signal-to-Noise
fIN = 20 kHz
83
85
dB
Channel-to-Channel Isolation
fIN = 20 kHz
–110
–100
–110
–100
dB
Full Power Bandwidth6
1
1
MHz
–3 dB Input Bandwidth
2.7
2.7
MHz
SAMPLING DYNAMICS
Aperture Delay
40
40
ns
Transient Response
Full-Scale Step
1
1
µs
Overvoltage Recovery7
150
150
ns
REFERENCE
Internal Reference Voltage
2.48
2.5
2.52
2.48
2.5
2.52
V
Internal Reference Source Current
1
1
µA
External Reference Voltage Range
for Specified Linearity
2.3
2.5
2.7
2.3
2.5
2.7
V
External Reference Current Drain
Ext. REF = +2.5 V
100
100
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
–0.3
+0.8
V
VIH
+2.0
VDIG + 0.3
+2.0
VDIG + 0.3
V
IIL
±10
±10
µA
IIH
±10
±10
µA
(–40 C to +85 C, fS = 200 kHz, VDIG = VANA = +5 V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com