Electronic Components Datasheet Search
  English  ▼

X  

SL5020 Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # SL5020
Description  LOW VOLTAGE COMPANDER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SL5020 Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  SL5020 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SL5020
4/7
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified: Ta =25
°C, Vcc=3V, f=1kHz)
Characteristics
Sy mbol
Test conditions
Min
Ty p
Max
U nit
Supply current
Icc
No Signal
3.1
mA
Comp ressor Section
0dB Gain
Gc 0
Vinc=100mVr ms , 0dB
-1.5
0
1.5
d B
Gc 1
Vinc=316mVr ms , 10dB
-1
0
1
dB
Gc 2
Vinc=10mVr ms , -20dB
-1
0
1
dB
Gc 3
Vi nc=1mVrms, -40dB
-1
0
1
dB
Gain Error (Note 1)
Gc 4
Vinc=100
µVrms,-60dB
-1
0
1
dB
Distortion
THDc
Vi nc=100mVr ms , f=1kHz
0.3
1.5
%
Noise Output
Vnoc
Rg=600
Ω
0.8
5
mVrms
Ripple Rejection Ratio
RRc
Vcc=3V (DC), 1kHz, 100mVr ms
-25
-18
d B
Crosstalk(C
→E)
CTc
Vinc=100mVr ms , Exp Output
-72
-50
d B
Muting Attenuation
Attc
Vinc=100mVr ms , Vpin13=GND
-65
-50
d B
Input Impedance
Rinc
PIN 10
20
k
Ω
Expander Section
0dB Gain
Ge 0
Vine=100mVr ms , 0dB
-1.5
0
1.5
d B
Ge 1
Vine=178mVr ms , 5dB
-1
0
1
dB
Ge 2
Vine=31.6mVr ms , -10dB
-1
0
1
dB
Ge 3
Vine=10mVr ms , -20dB
-1
0
1
dB
Gain Error (Note 1)
Ge 4
Vine=3.16mVr ms ,-30dB
-1
0
1
dB
Distortion
THDe
Vi ne=100mVr ms , f=1kHz
0.4
1.5
%
Noise Output
Vnoe
Rg=600
Ω
0.06
5.0
mVr ms
Ripple Rejection Ratio
RRe
Vcc=3V (DC), 1kHz, 100mVr ms
-58
-38
d B
Crosstalk(E
→C)
CTe
Vine=100mVr ms , Com Output
-34
-24
d B
Muting Attenuation
Atte
Vine=316mVr ms , Vpin2=GND
-70
-50
d B
Input Impedance
Rine
PIN 4
4.3
k
Ω
(Note 1) Gain Error= (V OUT -20dBV)-V IN
×K
K: Comp ressor=0.5
Expander=2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com