Electronic Components Datasheet Search
  English  ▼

X  

SL5020 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # SL5020
Description  LOW VOLTAGE COMPANDER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SL5020 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  SL5020 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
LOW VOLTAGE COMPANDER
DESCRIPTION
Outline Drawing
The SL5020 contains two variable gain circuits
configured for comp ressing and expanding the
dy namic range of an audio signal. One circuit is
configured as an expander, while the other circuit
can be configured as a comp ressor or expander. Each
circuit has a full wave rectifier to provide average
value information to a variable gain cell located in
either the input stage or the feedback path.
An internal temp erature stable bandgap reference
DIP14
provi des
t h e
ne cessa ry
precision
v o lt age s
and
c u rrents
requ ired.
It
c onta i ns
al so
c o mp r e s s o r a n d e x p a n d e r mu t e c i r c u i t .
FEATURE
Low voltage operation Vopr = 1.8 ~ 5.0V
Decreasing external component
Built in comp ressor and expander mu te circuit
Unity gain level set a 100mVrms
SOP14
Response time adjustable
TIGER ELECTRONIC CO.,LTD
SL5020N-DIP / SL5020-SOP


Similar Part No. - SL5020

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5020 AUK-SL5020 Datasheet
93Kb / 8P
LOW VOLTAGE COMPANDER
SL5020 AUK-SL5020 Datasheet
299Kb / 9P
LOW VOLTAGE COMPANDER
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
LOW VOLTAGE COMPANDER
SL5020P AUK-SL5020P Datasheet
299Kb / 9P
LOW VOLTAGE COMPANDER
SL5020 AUK-SL5020_1 Datasheet
299Kb / 9P
LOW VOLTAGE COMPANDER
More results

Similar Description - SL5020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8632 SANYO-LA8632 Datasheet
183Kb / 9P
Low-voltage, Low-current Compander
LA8633V SANYO-LA8633V Datasheet
160Kb / 8P
Low-voltage, Low-current Compander?
LA8637M SANYO-LA8637M Datasheet
222Kb / 10P
Low-Voltage/Low-Power Compander IC
logo
Daewoo Semiconductor
DBL5020 DAEWOO-DBL5020 Datasheet
342Kb / 8P
LOW VOLTAGE COMPANDER
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
Low Voltage Compander
logo
AUK corp
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
LOW VOLTAGE COMPANDER
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
Low Voltage Compander
logo
AUK corp
SL5020 AUK-SL5020_1 Datasheet
299Kb / 9P
LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
LOW VOLTAGE COMPANDER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com