Electronic Components Datasheet Search
  English  ▼

X  

DBRF400 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # DBRF400
Description  20 Forge Park, Franklin, Ma 02038 Phone: 508-541-7100 Fax: 508-541-8122
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

DBRF400 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  DBRF400 Datasheet HTML 1Page - General Cable Technologies Corporation DBRF400 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
E
V
DATE
CHANGE DETAIL
General Cable
20 Forge Park, Franklin, Ma 02038
Phone: 508-541-7100 Fax: 508-541-8122
I
03/18/13
Update attn. /GT
H 09/18/12
Added ROHS to legend-DB
G 06/15/12
Revise bend radius / gt
Title:
DBRF400
F
08/26/11
Chg HHT to GCC an d edit legend / GT
E
9/8/05
Update Spec to New Format - RZ
Description:
.108” -- 50 Ohm Broadband
Indoor/Outdoor Coaxial Cable
D 6/21/04
Updated electrical on Spec - RZ
C
09/06/03
Update to new format /PF
Eng Approval:
gt
B
11/30/01
Edit Title / GT
Mktg Approval:
A 04/24/01
Initial Release - PF
Final Approval:
PAGE
1of 2
General Cable. reserves the right to modify this information without prior notification and does not make a warranty or representation of any kind, whether implied or expressed with respect to the information contained
herein. General Cable assumes no risks, and will not be liable for direct or indirect, special; incidental or consequential damages, any defect or personal injury resulting from the use of this document..
DBRF400 Flexible Low Loss 50 Ohm Coaxial Cable that is acceptable substitution for RG-8 & 9913 Air
Dielectric coax and uses standard RG-8 & 9913 Connectors, used for Jumper assemblies in Wireless
Communications Systems, Antenna Feeder Runs and any application requiring a Low Loss RF Cable
Description:
1/C .108” Gas Injected Foam Polyethylene Insulation, Bonded Aluminum/Polyester/Aluminum
Tape, Tinned Copper Braid Shield and Polyethylene Jacket.
A.
Construction:
1.0
Conductor:
.108” Bare Copper Clad Aluminum; OD: .108" Nom. (2.743mm)
2.0
Insulation:
.0885” Wall Gas Injected Foamed Polyethylene; OD: .285" Nom. (7.24mm)
3.0
Shield #1:
Aluminum/Polyester/Aluminum–Bonded Tape, 100% Coverage
4.0
Shield #2:
34 AWG Tin Copper Braid 90% Coverage
5.0
Jacket:
.045” Wall Polyethylene; Color: Black
OD: .405" Nom. (10.29mm)
6.0
Marking:
Surface Printed:
GENERAL CABLE (F) DBRF400 -- 50 OHM COAXIAL CABLE - ROHS--MADE IN
USA – MM/YY AAAAAA XXXXXFT
MM/YY = month and year of manufacturing
AAAAA = MFG identification for Traceability
XXXXX = sequential footage marking every two feet
B.
Electrical Characteristics:
1.0
Capacitance:
23.5 pF/ft Nom. (77.1 pF/m)
2.0
Impedance:
50.0 Ω Nom.
3.0
Velocity of Propagation:
85% Nom.
4.0
Conductor DCR:
1.39 Ω/kft Nom. (4.56 Ω/1000m)
5.0
Shield DCR:
1.65 Ω/kft Nom. (5.41 Ω/1000m)
6.0
Inductance:
.059 µ/ft (.194 µ/m)
7.0
Peak Power:
16kW


Similar Part No. - DBRF400

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
DBRF195 GENERAL-DBRF195 Datasheet
78Kb / 2P
037??-- 50 Ohm Broadband Indoor/Outdoor Coaxial Cable
DBRF195P GENERAL-DBRF195P Datasheet
56Kb / 2P
1/C 037 50 Ohm Broadband PLENUM Coaxial Cable
DBRF195R GENERAL-DBRF195R Datasheet
76Kb / 2P
037??-- 50 Ohm Broadband Indoor / Riser Coaxial Cable
More results

Similar Description - DBRF400

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VI-508-DP VARITRONIX-VI-508-DP Datasheet
36Kb / 1P
VI-508-DP
logo
Molex Electronics Ltd.
0459120007 MOLEX6-0459120007 Datasheet
297Kb / 5P
12.90mm (.508") Pitch EXTreme PowerEdge?
logo
General Cable Technolog...
495027 GENERAL-495027 Datasheet
64Kb / 2P
20 Forge Park, Franklin, Ma 02038
logo
Varitronix internationa...
VI-508 VARITRONIX-VI-508 Datasheet
25Kb / 1P
VI-508
logo
List of Unclassifed Man...
VCFN12GE ETC2-VCFN12GE Datasheet
651Kb / 4P
UL 508 Motor Disconnect Switches
logo
General Cable Technolog...
395029 GENERAL-395029 Datasheet
64Kb / 2P
20 Forge Park, Franklin, Ma 02038 Phone: 508-541-7100 Fax: 508-541-8122
logo
PHOENIX CONTACT
5441812 PHOENIX-5441812 Datasheet
60Kb / 2P
BCP-508- 9 BK VPE250
5435909 PHOENIX-5435909 Datasheet
63Kb / 3P
Printed-circuit board connector - BCP-508-20 GY
5448763 PHOENIX-5448763 Datasheet
73Kb / 4P
Printed-circuit board connector - BCP-508-20 GN
5452251 PHOENIX-5452251 Datasheet
94Kb / 5P
Printed-circuit board connector - BCP-508-20 BK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com