Electronic Components Datasheet Search
  English  ▼

X  

DBRF400 Datasheet(PDF) 2 Page - General Cable Technologies Corporation

Part # DBRF400
Description  20 Forge Park, Franklin, Ma 02038 Phone: 508-541-7100 Fax: 508-541-8122
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

DBRF400 Datasheet(HTML) 2 Page - General Cable Technologies Corporation

  DBRF400 Datasheet HTML 1Page - General Cable Technologies Corporation DBRF400 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
E
V
DATE
CHANGE DETAIL
General Cable
20 Forge Park, Franklin, Ma 02038
Phone: 508-541-7100 Fax: 508-541-8122
I
03/18/13
Update attn. /GT
H 09/18/12
Added ROHS to legend-DB
G 06/15/12
Revise bend radius / gt
Title:
DBRF400
F
08/26/11
Chg HHT to GCC an d edit legend / GT
E
9/8/05
Update Spec to New Format - RZ
Description:
.108” -- 50 Ohm Broadband
Indoor/Outdoor Coaxial Cable
D 6/21/04
Updated electrical on Spec - RZ
C
09/06/03
Update to new format /PF
Eng Approval:
gt
B
11/30/01
Edit Title / GT
Mktg Approval:
A 04/24/01
Initial Release - PF
Final Approval:
PAGE
2of 2
General Cable. reserves the right to modify this information without prior notification and does not make a warranty or representation of any kind, whether implied or expressed with respect to the information contained
herein. General Cable assumes no risks, and will not be liable for direct or indirect, special; incidental or consequential damages, any defect or personal injury resulting from the use of this document..
8.0
Voltage Withstanding:
2500 VDC
9.0
Jacket Spark:
8000 VRMS
10.0
Shield Effectiveness:
>90 dB
11.0
Cutoff Frequency:
16.2 GHZ
12.0
Attenuation & AVG power: (Nom.)
Frequency (MHz)
Att. dB/100ft
Attn. dB/100m
Avg. Power (KW)
30
0.70
2.30
3.43
50
0.90
2.95
2.67
150
1.50
4.92
1.60
220
1.90
6.23
1.26
450
2.70
8.86
0.89
900
3.90
12.79
0.62
1500
5.20
17.06
0.46
1800
5.90
19.35
0.41
2000
6.30
20.66
0.38
2500
7.20
23.62
0.33
3000
8.10
26.57
0.30
3500
10.20
33.46
0.24
4500
11.80
38.70
0.20
5800
12.50
41.00
0.19
6000
12.71
41.69
0.19
C.
Mechanical Characteristics:
1.0
Cable Weight:
68.3 lbs./kft / (101.8 Kg/km)
2.0
Bend Radius (Installation):
1.0 inch / (25.4 mm) min
3.0
Bend Radius (Repeated):
4.0 inch / (101.6 mm) min
4.0
Tensile Strength:
160 Lbs. / (712.0 N)
5.0
Operating Temperature:
-60°C to +75°C
6.0
Storage Temperature:
-70°C to +85°C
D.
Compliance:
RoHS Compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com