Electronic Components Datasheet Search
  English  ▼

X  

GS2964 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS2964
Description  SMPTE 424M, SMPTE 292M and SMPTE 259M compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2964 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS2964 Datasheet HTML 7Page - Gennum Corporation GS2964 Datasheet HTML 8Page - Gennum Corporation GS2964 Datasheet HTML 9Page - Gennum Corporation GS2964 Datasheet HTML 10Page - Gennum Corporation GS2964 Datasheet HTML 11Page - Gennum Corporation GS2964 Datasheet HTML 12Page - Gennum Corporation GS2964 Datasheet HTML 13Page - Gennum Corporation GS2964 Datasheet HTML 14Page - Gennum Corporation GS2964 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
GS2964 Adaptive Cable Equalizer
Data Sheet
51913 - 3
March 2010
11 of 17
Figure 4-1: Typical Output Voltage Levels
4.4 Programmable Squelch Adjust (SQ_ADJ)
The GS2964 incorporates a programmable Squelch Adjust (SQ_ADJ) threshold.
This feature can be useful in applications where there are multiple input channels using
the GS2964 and the maximum gain can be limited to avoid crosstalk.
The SQ_ADJ pin acts to change the threshold of the Carrier Detect (CD) pin, through
voltage level variances. When the input signal drops below a certain threshold, the CD
pin will be driven high, indicating that there is not a valid input signal. In order to enable
automatic muting of the output of the GS2964, the CD pin should be connected directly
to the MUTE pin. In applications where programmable squelch adjust is not required, the
SQ_ADJ pin may be left unconnected.
This feature has been designed for use in applications such as routers, where signal
crosstalk and circuit noise cause the Equalizer to output erroneous data when no input
signal is present. The use of a Carrier Detect function with a fixed internal reference
does not solve this problem, since the signal to noise ratio on the circuit board could be
significantly less than the default signal detection level set by the on chip reference.
4.5 Mute and Carrier Detect
The GS2964 includes a MUTE input pin that allows the application interface to mute the
Serial Digital Output at any time. Set the MUTE pin HIGH to mute SDO and SDO. In this
case, the outputs will mute regardless of the setting of the BYPASS pin.
A Carrier Detect output pin (CD) indicates the presence of a valid signal at the input of
the GS2964. When CD is LOW, the device has detected a valid input on SDI and SDI.
When CD is HIGH, the device has not detected a valid input.
NOTE 1:
CD will only detect loss of carrier for data rates greater than 19Mb/s. The CD
output pin may be connected directly to the MUTE input pin to enable automatic muting
of the GS2964 when no valid input signal has been detected.
50
50
SDO
SDO
+200mV
-200mV
VCM = 2.9V
typical
+200mV
-200mV
VCM = 2.9V
typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com