Electronic Components Datasheet Search
  English  ▼

X  

GS2964 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS2964
Description  SMPTE 424M, SMPTE 292M and SMPTE 259M compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2964 Datasheet(HTML) 2 Page - Gennum Corporation

  GS2964 Datasheet HTML 1Page - Gennum Corporation GS2964 Datasheet HTML 2Page - Gennum Corporation GS2964 Datasheet HTML 3Page - Gennum Corporation GS2964 Datasheet HTML 4Page - Gennum Corporation GS2964 Datasheet HTML 5Page - Gennum Corporation GS2964 Datasheet HTML 6Page - Gennum Corporation GS2964 Datasheet HTML 7Page - Gennum Corporation GS2964 Datasheet HTML 8Page - Gennum Corporation GS2964 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
GS2964 Adaptive Cable Equalizer
Data Sheet
51913 - 3
March 2010
2 of 17
GS2964 Functional Block Diagram
Revision History
Version
ECR
PCN
Date
Changes and/or Modifications
3
153913
54547
March 2010
Changed ESD rating from 6kV to
5kV in Section 2.1 Absolute
Maximum Ratings.
2
152613
–
September
2009
Updates to Output Voltage Swing
specifications in Table 2-2: AC
Electrical Characteristics.
1
152312
–
July 2009
Converted to Data Sheet.
0
151929
–
May 2009
Conversion to Preliminary Data
Sheet.
B
151798
–
April 2009
Updates.
A
151181
–
January 2009
New document.
Equalizer
Output
AGC
SDI
MUTE
SDO
BYPASS
CD
SDI
SDO
AGC
AGC
SQ_ADJ
Squelch Adjust
Carrier Detect
Mute
DC
Restore



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com