Electronic Components Datasheet Search
  English  ▼

X  

SML4728 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SML4728
Description  Surface Mount Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SML4728 Datasheet(HTML) 2 Page - Vishay Siliconix

  SML4728 Datasheet HTML 1Page - Vishay Siliconix SML4728 Datasheet HTML 2Page - Vishay Siliconix SML4728 Datasheet HTML 3Page - Vishay Siliconix SML4728 Datasheet HTML 4Page - Vishay Siliconix SML4728 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SML4728 to SML4764A
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 26-May-14
2
Document Number: 85782
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Surge current is a non-repetitive, 8.3 ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC® method
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE
CURRENT
DYNAMIC RESISTANCE
SURGE
CURRENT (1)
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
IRM
V
mA
μA
V
mApk
NOM.
MAX.
MAX.
MAX.
MAX.
SML4728
3P3
3.3
76
1
100
1
10
400
1380
SML4729
3P6
3.6
69
1
100
1
10
400
1260
SML4730
3P9
3.9
64
1
50
1
9
400
1190
SML4731
4P3
4.3
58
1
10
1
9
400
1070
SML4732
4P7
4.7
53
1
10
1
8
500
970
SML4733
5P1
5.1
49
1
10
1
7
550
890
SML4734
5P6
5.6
45
1
10
2
5
600
810
SML4735
6P2
6.2
41
1
10
3
2
700
730
SML4736
6P8
6.8
37
1
10
4
3.5
700
660
SML4737
7P5
7.5
34
0.5
10
5
4
700
605
SML4738
8P2
8.2
31
0.5
10
6
4.5
700
550
SML4739
9P1
9.1
28
0.5
10
7
5
700
500
SML4740
10
10
25
0.25
10
7.6
7
700
454
SML4741
11
11
23
0.25
5
8.4
8
700
414
SML4742
12
12
21
0.25
5
9.1
9
700
380
SML4743
13
13
19
0.25
5
9.9
10
700
344
SML4744
15
15
17
0.25
5
11.4
14
700
305
SML4745
16
16
15.5
0.25
5
12.2
16
700
285
SML4746
18
18
14
0.25
5
13.7
20
750
250
SML4747
20
20
12.5
0.25
5
15.2
22
750
225
SML4748
22
22
11.5
0.25
5
16.7
23
750
205
SML4749
24
24
10.5
0.25
5
18.2
25
750
190
SML4750
27
27
9.5
0.25
5
20.6
35
750
170
SML4751
30
30
8.5
0.25
5
22.8
40
1000
150
SML4752
33
33
7.5
0.25
5
25.1
45
1000
135
SML4753
36
36
7
0.25
5
27.4
50
1000
125
SML4754
39
39
6.5
0.25
5
29.7
60
1000
115
SML4755
43
43
6
0.25
5
32.7
70
1500
110
SML4756
47
47
5.5
0.25
5
35.8
80
1500
95
SML4757
51
51
5
0.25
5
38.8
95
1500
90
SML4758
56
56
4.5
0.25
5
42.6
110
2000
80
SML4759
62
62
4
0.25
5
47.1
125
2000
70
SML4760
68
68
3.7
0.25
5
51.7
150
2000
65
SML4761
75
75
3.3
0.25
5
56
175
2000
60
SML4762
82
82
3
0.25
5
62.2
200
3000
55
SML4763
91
91
2.8
0.25
5
69.2
250
3000
50
SML4764
100
100
2.5
0.25
5
76
350
3000
45



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com