Electronic Components Datasheet Search
  English  ▼

X  

SML4728 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SML4728
Description  Surface Mount Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SML4728 Datasheet(HTML) 3 Page - Vishay Siliconix

  SML4728 Datasheet HTML 1Page - Vishay Siliconix SML4728 Datasheet HTML 2Page - Vishay Siliconix SML4728 Datasheet HTML 3Page - Vishay Siliconix SML4728 Datasheet HTML 4Page - Vishay Siliconix SML4728 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SML4728 to SML4764A
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 26-May-14
3
Document Number: 85782
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Maximum Continuous Power Dissipation
Fig. 2 - Typical Zener Impedance
Fig. 3 - Typical Temperature Coefficients
Fig. 4 - Typical Instantaneous Forward Characteristics
for SML4763
Fig. 5 - Typical Reverse Characteristics
25
50
75
100
125
150
175
0
0.25
0.5
0.75
1.0
Terminals Temperature (
°C)
60 Hz
Resistiveor
Inductive Load
PCB Mounted on
0.31 x 0.31 x 0.08" (8x8x2mm)
copper areas pads
17923
0.5
10
100
500
1
10
100
1,000
I
ZT , Zener Test Current (mA)
TJ =25°C
VZ = 91V
VZ = 56V
VZ = 30V
VZ = 6.2V
17925
0
10 20 30
40
50 60 70
80 90 100
0
10
30
50
70
90
110
VZ, Zener Voltage (V)
Tested at rated IZT
17927
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
Pulse width = 300µs
1% Duty Cycle
TJ =25°C
17924
0
20
40
60
80
100
0.01
0.1
1
10
Percent of Rated Zener Voltage (%)
TJ =25°C
TJ = 100°C
17926



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com