Electronic Components Datasheet Search
  English  ▼

X  

HSDL-4261 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # HSDL-4261
Description  IR Emitter and Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-4261 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  HSDL-4261 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LITE-ON TECHNOLOGY CORPORATION.
Property of Lite - On Only
FEATURES
* High power AlGaAs LED technology
* Applications
* T-1 3/4 Package
Industral IR Equipments
* 870 nm Wavelength
IR Portable Instruments
* High speed: 15ns Rise times
Consumer Electronics
*Low Forward Voltage
(Optical mouse ect)
High Speed IR Comunications
(IR LANs , IR Moldens , IR Dongles , etc)
PACKAGE DIMENSIONS
NOTES:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 1.5mm(.059") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part No. : HSDL-4261 DATA SHEET (REV.A ,Apr,2013)
Page :
1
of
6
BNS-OD-C131/A4
REV. A, Apr, 2013



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com