Electronic Components Datasheet Search
  English  ▼

X  

HSDL-4261 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # HSDL-4261
Description  IR Emitter and Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-4261 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  HSDL-4261 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-4261 Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LITE-ON TECHNOLOGY CORPORATION.
Property of Lite - On Only
ABSOLUTE MAXIMUM RATINGS AT TA=25℃
PARAMETER
Symbol
MIN
MAX
UNIT
Reference
Forward Current
IFDC
100
mA
[1],FIG.2
Power Dissipation
PDISS
190
mW
Reverse Voltage
VR
5
V
IR=100uA
Storage Temperature
TS
-40
100
℃
LED Junction Temperature
TJ
110
℃
Lead Soldering Temperature
[1.6mm(.063") From Body]
260 for
5
seconds
℃
Notes:
1.Derate as shown in Figure 6.
Recommended Operating Conditions
PARAMETER
Symbol
MIN
MAX
UNIT
Reference
Operating Temperature
TO
-40
70
℃
Part No. : HSDL-4261 DATA SHEET (REV.A ,Apr,2013)
Page :
2
of
6
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com