Electronic Components Datasheet Search
  English  ▼

X  

28F320J5 Datasheet(PDF) 17 Page - Intel Corporation

Part # 28F320J5
Description  StrataFlash MEMORY TECHNOLOGY 32 AND 64 MBIT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F320J5 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 28F320J5 Datasheet HTML 13Page - Intel Corporation 28F320J5 Datasheet HTML 14Page - Intel Corporation 28F320J5 Datasheet HTML 15Page - Intel Corporation 28F320J5 Datasheet HTML 16Page - Intel Corporation 28F320J5 Datasheet HTML 17Page - Intel Corporation 28F320J5 Datasheet HTML 18Page - Intel Corporation 28F320J5 Datasheet HTML 19Page - Intel Corporation 28F320J5 Datasheet HTML 20Page - Intel Corporation 28F320J5 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
E
INTEL StrataFlash™ MEMORY TECHNOLOGY, 32 AND 64 MBIT
17
ADVANCE INFORMATION
NOTES:
1.
Bus operations are defined in Table 3.
2.
X = Any valid address within the device.
BA = Address within the block.
IA = Identifier Code Address: see Figure 6 and Table 13.
QA = Query database Address.
PA = Address of memory location to be programmed.
3.
ID = Data read from Identifier Codes.
QD = Data read from Query database.
SRD = Data read from status register. See Table 16 for a description of the status register bits.
PD = Data to be programmed at location PA. Data is latched on the rising edge of WE#.
CC = Configuration Code.
4.
The upper byte of the data bus (DQ8–DQ15) during command writes is a “Don’t Care” in x16 operation.
5.
Following the Read Identifier Codes command, read operations access manufacturer, device, block lock, and master lock
codes. See
Read Identifier Codes Command section for read identifier code data.
6.
If the WSM is running, only DQ7 is valid; DQ15–DQ8 and DQ6–DQ0 float, which places them in a high-impedance state.
7.
After the Write to Buffer command is issued check the XSR to make sure a buffer is available for writing.
8.
The number of bytes/words to be written to the Write Buffer = N + 1, where N = byte/word count argument. Count ranges
on this device for byte mode are N = 00H to N = 1FH and for word mode are N = 0000H to N = 000FH. The third and
consecutive bus cycles, as determined by N, are for writing data into the Write Buffer. The Confirm command (D0H) is
expected after exactly N + 1 write cycles; any other command at that point in the sequence aborts the write to buffer
operation. Please see Figure 7,
Write to Buffer Flowchart, for additional information.
9.
The write buffer or erase operation does not begin until a Confirm command (D0h) is issued.
10. If the block is locked, RP# must be at VHH to enable block erase or program operations. Attempts to issue a block erase or
program to a locked block while RP# is VIH will fail.
11. Either 40H or 10H are recognized by the WSM as the byte/word program setup.
12. If the master lock-bit is set, RP# must be at VHH to set a block lock-bit. RP# must be at VHH to set the master lock-bit. If the
master lock-bit is not set, a block lock-bit can be set while RP# is VIH.
13. If the master lock-bit is set, RP# must be at VHH to clear block lock-bits. The clear block lock-bits operation simultaneously
clears all block lock-bits. If the master lock-bit is not set, the Clear Block Lock-Bits command can be done while RP# is VIH.
14. Commands other than those shown above are reserved by Intel for future device implementations and should not be used.
15. The Basic Command Set (BCS) is the same as the 28F008SA Command Set or Intel Standard Command Set. The
Scaleable Command Set (SCS) is also referred to as the Intel Extended Command Set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com