Electronic Components Datasheet Search
  English  ▼

X  

AD5200 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5200
Description  256-Position and 33-Position Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5200 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5200 Datasheet HTML 5Page - Analog Devices AD5200 Datasheet HTML 6Page - Analog Devices AD5200 Datasheet HTML 7Page - Analog Devices AD5200 Datasheet HTML 8Page - Analog Devices AD5200 Datasheet HTML 9Page - Analog Devices AD5200 Datasheet HTML 10Page - Analog Devices AD5200 Datasheet HTML 11Page - Analog Devices AD5200 Datasheet HTML 12Page - Analog Devices AD5200 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AD5200/AD5201
–9–
FREQUENCY – Hz
6
–54
1k
10k
100k
1M
–48
–42
–36
–30
–24
–18
–12
–6
0
10H
8H
4H
2H
1H
TPC 19. AD5201 50 k
Ω Gain vs. Frequency vs. Code
FREQUENCY – Hz
12
–48
1k
10k
100k
1M
–42
–36
–30
–24
–18
–12
–6
0
6
10k
VIN = 100mV rms
VDD = 5V
RL = 1M
50k
TPC 20. AD5200 –3 dB Bandwidth
FREQUENCY – Hz
12
–48
1k
10k
100k
1M
–42
–36
–30
–24
–18
–12
–6
0
6
10k
VIN = 100mV rms
VDD = 5V
RL = 1M
50k
TPC 21. AD5201 –3 dB Bandwidth
FREQUENCY – Hz
12
–48
10
10k
100k
1M
–42
–36
–30
–24
–18
–12
–6
0
6
100
1k
50k
10k
SEE TEST CIRCUIT 10
CODE = 80H
VDD = 5V
TA = 25 C
TPC 22. Normalized Gain Flatness vs. Frequency
FREQUENCY – Hz
12
–48
10
10k
100k
1M
–42
–36
–30
–24
–18
–12
–6
0
6
100
1k
50k
10k
SEE TEST CIRCUIT 10
CODE = 10H
VDD = 5V
TA = 25 C
TPC 23. AD5201 Normalized Gain Flatness vs. Frequency
VW
(20mV/DIV)
CS
(5V/DIV)
TPC 24. One Position Step Change at Half Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com