Electronic Components Datasheet Search
  English  ▼

X  

AD5200 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5200
Description  256-Position and 33-Position Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5200 Datasheet(HTML) 2 Page - Analog Devices

  AD5200 Datasheet HTML 1Page - Analog Devices AD5200 Datasheet HTML 2Page - Analog Devices AD5200 Datasheet HTML 3Page - Analog Devices AD5200 Datasheet HTML 4Page - Analog Devices AD5200 Datasheet HTML 5Page - Analog Devices AD5200 Datasheet HTML 6Page - Analog Devices AD5200 Datasheet HTML 7Page - Analog Devices AD5200 Datasheet HTML 8Page - Analog Devices AD5200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
–2–
AD5200/AD5201–SPECIFICATIONS
AD5200 ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
1
Max
Unit
DC CHARACTERISTICS RHEOSTAT MODE
Resistor Differential Nonlinearity
2
R-DNL
RWB, VA = No Connect
–1
± 0.25 +1
LSB
Resistor Integral Nonlinearity
2
R-INL
RWB, VA = No Connect
–2
± 0.5 +2
LSB
Nominal Resistor Tolerance
3
∆R
AB
TA = 25
°C
–30
+30
%
Resistance Temperature Coefficient
RAB/
∆TV
AB = V DD, Wiper = No Connect
500
ppm/
°C
Wiper Resistance
RW
VDD = 5 V
50
100
Ω
DC CHARACTERISTICS POTENTIOMETER DIVIDER MODE (Specifications apply to all VRs.)
Resolution
N
8
Bits
Differential Nonlinearity
4
DNL
–1
± 1/4 +1
LSB
Integral Nonlinearity
4
INL
–2
± 1/2 +2
LSB
Voltage Divider Temperature Coefficient
∆V
W/
∆T
Code = 80 H
5
ppm/
°C
Full-Scale Error
VWFSE
Code = FF H
–1.5
–0.5
0
LSB
Zero-Scale Error
VWZSE
Code = 00 H
0
+0.5
+1.5
LSB
RESISTOR TERMINALS
Voltage Range
5
VA, B, W
VSS
VDD
V
Capacitance
6 A, B
CA, B
f = 1 MHz, Measured to GND, Code = 80 H
45
pF
Capacitance
6 WC
W
f = 1 MHz, Measured to GND, Code = 80 H
60
pF
Shutdown Supply Current
7
IDD_SD
VDD = 5.5 V
0.01
5
µA
Common-Mode Leakage
ICM
VA = VB = VDD/2
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
2.4
V
Input Logic Low
VIL
0.8
V
Input Logic High
VIH
VDD = 3 V, VSS = 0 V
2.1
V
Input Logic Low
VIL
VDD = 3 V, VSS = 0 V
0.6
V
Input Current
IIL
VIN = 0 V or 5 V
±1
µA
Input Capacitance
6
CIL
5pF
POWER SUPPLIES
Logic Supply
VLOGIC
2.7
5.5
V
Power Single-Supply Range
VDD RANGE
VSS = 0 V
–0.3
5.5
V
Power Dual-Supply Range
VDD/SS RANGE
± 2.3
± 2.7
V
Positive Supply Current
IDD
VIH = +5 V or VIL = 0 V
15
40
µA
Negative Supply Current
ISS
VSS = –5 V
15
40
µA
Power Dissipation
8
PDISS
VIH = +5 V or VIL = 0 V, VDD = +5 V, VSS = 0 V
0.2
mW
Power Supply Sensitivity
PSS
∆V
DD = +5 V
± 10%, Code = Midscale
–0.01 0.001 +0.01
%/%
DYNAMIC CHARACTERISTICS
6, 9
Bandwidth –3 dB
BW_10 k
Ω
RAB = 10 k
Ω, Code = 80
H
600
kHz
BW_50 k
Ω
RAB = 50 k
Ω, Code = 80
H
100
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz, R AB = 10 k
Ω
0.003
%
VW Settling Time (10 k
Ω/50 kΩ)t
S
VA = 5 V, VB = 0 V,
± 1 LSB Error Band
2/9
µs
Resistor Noise Voltage Density
eN_WB
RWB = 5 k
Ω, RS = 0
9
nV
√Hz
NOTES
1Typicals represent average readings at 25
°C and VDD = 5 V, VSS = 0 V.
2Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper posi-
tions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. I W = VDD/R for both VDD = +2.7 V,
VSS = –2.7 V.
3V
AB = VDD, Wiper (VW) = No connect.
4INL and DNL are measured at V
W with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. V A = VDD and VB = 0 V. DNL
specification limits of
± 1 LSB maximum are Guaranteed Monotonic operating conditions.
5Resistor Terminals A, B, W have no limitations on polarity with respect to each other.
6Guaranteed by design and not subject to production test.
7Measured at the A terminal. A terminal is open-circuited in shutdown mode.
8P
DISS is calculated from (IDD
× VDD). CMOS logic level inputs result in minimum power dissipation.
9All dynamic characteristics use V
DD = 5 V, VSS = 0 V.
Specifications subject to change without notice.
(VDD = 5 V
10%, or 3 V
10%, VSS = 0 V, VA = +VDD, VB = 0 V,
–40 C < TA < +85 C unless otherwise noted.)
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com