Electronic Components Datasheet Search
  English  ▼

X  

S80296 Datasheet(PDF) 15 Page - Intel Corporation

Part # S80296
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296 Datasheet(HTML) 15 Page - Intel Corporation

Back Button S80296 Datasheet HTML 11Page - Intel Corporation S80296 Datasheet HTML 12Page - Intel Corporation S80296 Datasheet HTML 13Page - Intel Corporation S80296 Datasheet HTML 14Page - Intel Corporation S80296 Datasheet HTML 15Page - Intel Corporation S80296 Datasheet HTML 16Page - Intel Corporation S80296 Datasheet HTML 17Page - Intel Corporation S80296 Datasheet HTML 18Page - Intel Corporation S80296 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
PRELIMINARY
11
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
RPD
I
Return from Powerdown
Timing pin for the return-from-powerdown circuit.
If your application uses powerdown mode, connect a capacitor between RPD and
V
SS if either of the following conditions are true.
• the internal oscillator is the clock source
• the phase-locked loop (PLL) circuitry is enabled (see PLLEN2:1 signal
description)
The capacitor causes a delay (at least 2 ms) that enables the oscillator and PLL
circuitry to stabilize before the internal CPU and peripheral clocks are enabled.
Refer to the “Special Operating Modes” chapter of the
80296SA Microcontroller
User’s Manual for details on selecting the capacitor.
The capacitor is not required if your application uses powerdown mode and if both
of the following conditions are true.
• an external clock input is the clock source
• the phase-locked loop circuitry is disabled
If your application does not use powerdown mode, leave this pin unconnected.
RXD
I/O
Receive Serial Data
In modes 1, 2, and 3, RXD receives serial port input data. In mode 0, it functions as
either an input or an open-drain output for data.
RXD shares a package pin with P2.1.
T1CLK
I
Timer 1 External Clock
External clock for timer 1. Timer 1 increments (or decrements) on both rising and
falling edges of T1CLK. Also used in conjunction with T1DIR for quadrature
counting mode.
and
External clock for the serial I/O baud-rate generator input (program selectable).
T1CLK shares a package pin with P1.4.
T2CLK
I
Timer 2 External Clock
External clock for timer 2. Timer 2 increments (or decrements) on both rising and
falling edges of T2CLK. It is also used in conjunction with T2DIR for quadrature
counting mode.
T2CLK shares a package pin with P1.6.
T1DIR
I
Timer 1 External Direction
External direction (up/down) for timer 1. Timer 1 increments when T1DIR is high and
decrements when it is low. Also used in conjunction with T1CLK for quadrature
counting mode.
T1DIR shares a package pin with P1.5.
T2DIR
I
Timer 2 External Direction
External direction (up/down) for timer 2. Timer 2 increments when T2DIR is high and
decrements when it is low. It is also used in conjunction with T2CLK for quadrature
counting mode.
T2DIR shares a package pin with P1.7.
Table 4. Signal Descriptions (Continued)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com