Electronic Components Datasheet Search
  English  ▼

X  

HT17-068 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HT17-068
Description  2-phase hybrid step motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT17-068 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HT17-068 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT17-068 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT17-068 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bipolar Series Resistance
8.4 Ohms/phase
Bipolar Series Inductance
11.2 mH/phase
Bipolar Parallel Current
1.34 A/phase
Bipolar Parallel Resistance
2.1 Ohms/phase
Bipolar Parallel Inductance
2.8 mH/phase
Unipolar Current
1.10 A/phase
Unipolar Resistance
4.2 Ohms/phase
Unipolar Inductance
2.8 mH/phase
Rotor Inertia
4.96E-04 oz-in-sec2
Integral Gearhead
No
Weight
0.44 lbs
Storage Temperature
-40 to 70 °C
Operating Temperature
-20 to 50 °C
Insulation Class
Class B (130 ºC)
Maximum Radial Load
NA
Maximum Thrust Load
NA
Shaft Run Out
0.001 inch T.I.R. max
Radial Play
0.001 inch max w/ 1.1 lb load
End Play
0.003 inch max w/ 2.2 lb load
Perpendicularity
0.003 inches
Concentricity
0.002 inches
Datasheet
StepMotorWiring-8-lead-striped.pdf
2D Drawing
HT17-068_RevH.pdf
3D Drawing
17HT33D.igs
HT17_34mm_wWAA_encoder.igs
Speed-Torque Curves
ST_speed-torque.pdf
Agency Approvals
There are no related agency approval documents at this time.
Application Notes
There are currently no Application Notes available for this product.
Downloads



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com