Electronic Components Datasheet Search
  English  ▼

X  

HT17-068 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT17-068
Description  2-phase hybrid step motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT17-068 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT17-068 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT17-068 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT17-068 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-6544
Product Datasheet
www.Applied-Motion.com
HT17-068
NEMA 17 High Torque Step Motor
1pc. - $59.00
50pc. - $44.25
Part Number
HT17-068
Frame Size
NEMA 17
Motor Type
High torque
Part Number w/Double Shaft
NA
Part Number w/Encoder
HT17-068D-WAA
Motor Length
1.30 inches
Number of Lead Wires
8
Lead Wire Configuration
flying leads, no connector
Lead Wire/Cable Length
12 inches
Lead Wire Gauge
26 AWG
Unipolar Holding Torque
22.2 oz-in
Bipolar Holding Torque
31.4 oz-in
Step Angle
1.8 deg
Bipolar Series Current
0.67 A/phase
2-phase hybrid step motor
High torque design
Standard NEMA 17 dimensions
Series or parallel wiring
The HT17-068 two-phase stepper motor is suitable for a wide range of motion control applications. Terminated with 8
motor leads, the motor can be connected in a few different ways, including bipolar series and bipolar parallel.
Note: not recommended for new designs - please use HT17-268 for new applications.
Description
Specifications


Similar Part No. - HT17-068

ManufacturerPart #DatasheetDescription
logo
Applied Motion Products...
HT17-068 AMP-HT17-068 Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
HT17-068 AMP-HT17-068 Datasheet
108Kb / 2P
Recommended Motors
HT17-068 AMP-HT17-068 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
HT17-068 AMP-HT17-068 Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
HT17-068 AMP-HT17-068 Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
More results

Similar Description - HT17-068

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT23-394 ETC2-HT23-394 Datasheet
72Kb / 3P
2-phase hybrid step motor
logo
MotionKing Motor Indust...
23HS MOTIONKING-23HS Datasheet
104Kb / 2P
2 Phase Hybrid Stepper Motor
8H2A MOTIONKING-8H2A Datasheet
114Kb / 1P
2 Phase Hybrid Stepper Motor
14H2R MOTIONKING-14H2R Datasheet
64Kb / 1P
2 Phase Hybrid Stepper Motor
16H2M MOTIONKING-16H2M Datasheet
83Kb / 1P
2 Phase Hybrid Stepper Motor
17H2K MOTIONKING-17H2K Datasheet
85Kb / 1P
2 Phase Hybrid Stepper Motor
23H2M MOTIONKING-23H2M Datasheet
90Kb / 2P
2 Phase Hybrid Stepper Motor
34H2A MOTIONKING-34H2A Datasheet
95Kb / 2P
2 Phase Hybrid Stepper Motor
34H2M MOTIONKING-34H2M Datasheet
94Kb / 2P
2 Phase Hybrid Stepper Motor
34H2Y MOTIONKING-34H2Y Datasheet
94Kb / 1P
2 Phase Hybrid Stepper Motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com