Electronic Components Datasheet Search
  English  ▼

X  

80960KA Datasheet(PDF) 33 Page - Intel Corporation

Part # 80960KA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KA Datasheet(HTML) 33 Page - Intel Corporation

Back Button 80960KA Datasheet HTML 29Page - Intel Corporation 80960KA Datasheet HTML 30Page - Intel Corporation 80960KA Datasheet HTML 31Page - Intel Corporation 80960KA Datasheet HTML 32Page - Intel Corporation 80960KA Datasheet HTML 33Page - Intel Corporation 80960KA Datasheet HTML 34Page - Intel Corporation 80960KA Datasheet HTML 35Page - Intel Corporation 80960KA Datasheet HTML 36Page - Intel Corporation 80960KA Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
80960KA
30
Figure 22. HOLD Timing
Table 14. 80960KA PQFP Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
(0)
50
(0.25)
100
(0.50)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
θ Junction-to-Case
9
9
9
9
9
9
9
θ Case-to-Ambient
(No Heatsink)
22
19
18
16
11
9
8
NOTES:
1.
This table applies to 80960KA PQFP soldered
directly to board.
2.
θ
JA = θJC + θCA
3.
θ
JL = 18°C/W (approx.)
θ
JB = 18°C/W (approx.)
θ
JC
θ
JL
θ
JB
Th
Th
Th
CLK2
CLK
HOLD
HLDA
T12
T11
T6H
T9H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com