Electronic Components Datasheet Search
  English  ▼

X  

80C186EC Datasheet(PDF) 32 Page - Intel Corporation

Part # 80C186EC
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EC Datasheet(HTML) 32 Page - Intel Corporation

Back Button 80C186EC Datasheet HTML 28Page - Intel Corporation 80C186EC Datasheet HTML 29Page - Intel Corporation 80C186EC Datasheet HTML 30Page - Intel Corporation 80C186EC Datasheet HTML 31Page - Intel Corporation 80C186EC Datasheet HTML 32Page - Intel Corporation 80C186EC Datasheet HTML 33Page - Intel Corporation 80C186EC Datasheet HTML 34Page - Intel Corporation 80C186EC Datasheet HTML 35Page - Intel Corporation 80C186EC Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
80C186EC188EC 80L186EC188EC
AC SPECIFICATIONS
AC Characteristics80C186EC-2080C186EC-13
Symbol
Parameter
Min
Max
Min
Max
Unit
Notes
INPUT CLOCK
20 MHz
13 MHz
TF
CLKIN Frequency
0
40
0
26
MHz
1
TC
CLKIN Period
25
%
385
%
ns
1
TCH
CLKIN High Time
10
%
12
%
ns
1 2
TCL
CLKIN Low Time
10
%
12
%
ns
1 2
TCR
CLKIN Rise Time
1
10
1
10
ns
1 3
TCF
CLKIN Fall Time
1
10
1
10
ns
1 3
OUTPUT CLOCK
TCD
CLKIN to CLKOUT Delay
0
17
0
23
ns
1 4
T
CLKOUT Period
2
TC
2
TC
ns
1
TPH
CLKOUT High Time
(T2) b 5 (T2) a 5 (T2) b 5 (T2) a 5ns
1
TPL
CLKOUT Low Time
(T2) b 5 (T2) a 5 (T2) b 5 (T2) a 5ns
1
TPR
CLKOUT Rise Time
1616
ns
1 5
TPF
CLKOUT Fall Time
1616
ns
1 5
OUTPUT DELAYS
TCHOV1 ALE S20 DEN DTR
3
20
3
25
ns 1 4 6 7
BHE (RFSH) LOCK A1916
TCHOV2 GCS70 LCS UCS
3
23
3
30
ns 1 4 6 8
RD WR NCS WDTOUT
TCLOV1 BHE (RFSH) DEN LOCK RESOUT
3
20
3
25
ns
1 4 6
HLDA T0OUT T1OUT
TCLOV2 RD WR GSC70 LCS UCS AD150
3
23
3
30
ns
1 4 6
(AD70 A158) NCS INTA S20 A1916
TCHOF RD WR BHE (RFSH) DTR LOCK
0
25030
ns
1
S20 A1916
TCLOF
DEN AD150 (AD70 A158)
0
25
0
30
ns
1
INPUT REQUIREMENTS
TCHIS
TEST NMI T1IN T0IN READY
10
10
ns
1 9
CTS10 BCLK10 P34 P35
TCHIH
TEST NMI T1IN T0IN READY
3
3
ns
1 9
CTS10 BCLK10 P34 P35
TCLIS
AD150 (AD70) READY
10
10
ns
1 10
TCLIH
AD150 (AD70) READY
3
3
ns
1 10
TCLIS
HOLD RESIN PEREQ ERROR DRQ30
10
10
ns
1 9
TCLIH
HOLD RESIN REREQ ERROR DRQ30
3
3
ns
1 9
NOTES
1 See AC Timing Waveforms for waveforms and definition
2 Measure at VIH for high time VIL for low time
3 Only required to guarantee ICC Maximum limits are bounded by TC TCH and TCL
4 Specified for a 50 pF load see Figure 14 for capacitive derating information
5 Specified for a 50 pF load see Figure 15 for rise and fall times outside 50 pF
6 See Figure 15 for rise and fall times
7 TCHOV1 applies to BHE (RFSH) LOCK and A1916 only after a HOLD release
8 TCHOV2 applies to RD and WR only after a HOLD release
9 Setup and Hold are required to guarantee recognition
10 Setup and Hold are required for proper operation
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com