Electronic Components Datasheet Search
  English  ▼

X  

80C186EB20 Datasheet(PDF) 30 Page - Intel Corporation

Part # 80C186EB20
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB20 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 80C186EB20 Datasheet HTML 26Page - Intel Corporation 80C186EB20 Datasheet HTML 27Page - Intel Corporation 80C186EB20 Datasheet HTML 28Page - Intel Corporation 80C186EB20 Datasheet HTML 29Page - Intel Corporation 80C186EB20 Datasheet HTML 30Page - Intel Corporation 80C186EB20 Datasheet HTML 31Page - Intel Corporation 80C186EB20 Datasheet HTML 32Page - Intel Corporation 80C186EB20 Datasheet HTML 33Page - Intel Corporation 80C186EB20 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
AC SPECIFICATIONS
AC Characteristics80C186EB2080C186EB13
Symbol
Parameter
20 MHz
13 MHz
Units
Notes
Min
Max
Min
Max
INPUT CLOCK
TF
CLKIN Frequency
0
40
0
26
MHz
1
TC
CLKIN Period
25
%
385
%
ns
1
TCH
CLKIN High Time
10
%
12
%
ns
1 2
TCL
CLKIN Low Time
10
%
12
%
ns
1 2
TCR
CLKIN Rise Time
1818
ns
1 3
TCF
CLKIN Fall Time
1818
ns
1 3
OUTPUT CLOCK
TCD
CLKIN to CLKOUT Delay
0
17
0
23
ns
1 4
T
CLKOUT Period
2 TC
2 TC
ns
1
TPH
CLKOUT High Time
(T2) b 5
(T2) a 5
(T2) b 5
(T2) a 5ns
1
TPL
CLKOUT Low Time
(T2) b 5
(T2) a 5
(T2) b 5
(T2) a 5ns
1
TPR
CLKOUT Rise Time
1616
ns
1 5
TPF
CLKOUT Fall Time
1616
ns
1 5
OUTPUT DELAYS
TCHOV1
ALE S20 DEN DTR
3
22
3
25
ns
1 4 6 7
BHE (RFSH) LOCK
A1916
TCHOV2
GCS07 LCS UCS NCS
3
27
3
30
ns
1 4 6 8
RD WR
TCLOV1
BHE (RFSH) DEN LOCK
3
22
3
25
ns
1 4 6
RESOUT HLDA T0OUT
T1OUT A1916
TCLOV2
RD WR GCS70 LCS
3
27
3
30
ns
1 4 6
UCS AD150 (AD70
A158) NCS INTA10 S20
TCHOF
RD WR BHE (RFSH)
025025
ns
1
DTR LOCK S20 A1916
TCLOF
DEN AD150 (AD70
0
25
0
25
ns
1
A158)
30
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com