Electronic Components Datasheet Search
  English  ▼

X  

80C186EB20 Datasheet(PDF) 52 Page - Intel Corporation

Part # 80C186EB20
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB20 Datasheet(HTML) 52 Page - Intel Corporation

Back Button 80C186EB20 Datasheet HTML 48Page - Intel Corporation 80C186EB20 Datasheet HTML 49Page - Intel Corporation 80C186EB20 Datasheet HTML 50Page - Intel Corporation 80C186EB20 Datasheet HTML 51Page - Intel Corporation 80C186EB20 Datasheet HTML 52Page - Intel Corporation 80C186EB20 Datasheet HTML 53Page - Intel Corporation 80C186EB20 Datasheet HTML 54Page - Intel Corporation 80C186EB20 Datasheet HTML 55Page - Intel Corporation 80C186EB20 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
EXECUTION TIMINGS
A determination of program execution timing must
consider the bus cycles necessary to prefetch in-
structions as well as the number of execution unit
cycles necessary to execute instructions The fol-
lowing instruction timings represent the minimum
execution time in clock cycles for each instruction
The timings given are based on the following as-
sumptions
 The opcode along with any data or displacement
required for execution of a particular instruction
has been prefetched and resides in the queue at
the time it is needed
 No wait states or bus HOLDs occur
 All word-data is located on even-address bound-
aries (80C186EB only)
All jumps and calls include the time required to fetch
the opcode of the next instruction at the destination
address
All instructions which involve memory accesses can
require one or two additional clocks above the mini-
mum timings shown due to the asynchronous hand-
shake between the bus interface unit (BIU) and exe-
cution unit
With a 16-bit BIU the 80C186EB has sufficient bus
performance to ensure that an adequate number of
prefetched bytes will reside in the queue (6 bytes)
most of the time Therefore actual program execu-
tion time will not be substantially greater than that
derived from adding the instruction timings shown
The 80C188EB 8-bit BIU is limited in its performance
relative to the execution unit A sufficient number of
prefetched bytes may not reside in the prefetch
queue (4 bytes) much of the time Therefore actual
program execution time will be substantially greater
than that derived from adding the instruction timings
shown
52
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com