Electronic Components Datasheet Search
  English  ▼

X  

UPA1900 Datasheet(PDF) 4 Page - NEC

Part # UPA1900
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1900 Datasheet(HTML) 4 Page - NEC

  UPA1900 Datasheet HTML 1Page - NEC UPA1900 Datasheet HTML 2Page - NEC UPA1900 Datasheet HTML 3Page - NEC UPA1900 Datasheet HTML 4Page - NEC UPA1900 Datasheet HTML 5Page - NEC UPA1900 Datasheet HTML 6Page - NEC UPA1900 Datasheet HTML 7Page - NEC UPA1900 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D13809EJ1V0DS00
4
µµµµPA1900
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
0.01
0.1
1
10
100
60
50
40
30
20
VGS = 2.5 V
TA =125
°C
75
°C
25
°C
−25°C
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
0.01
0.1
1
10
100
50
40
30
20
VGS = 4.0 V
TA =125
°C
75
°C
25
°C
−25°C
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
0.01
0.1
1
10
100
50
40
30
20
VGS = 4.5 V
TA =125
°C
75
°C
25
°C
−25°C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature -
°C
ID = 3.0 A
−50
0
50
100
150
60
50
40
30
20
VGS = 2.5 V
4.0 V
4.5 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
24
6
8
10
100
80
60
40
20
0
ID = 3.0 A
0.1
1
10000
1000
100
10
10
100
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain Source Voltage - V
Coss
Ciss
Crss
f = 1 MHz
VGS = 0 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com