Electronic Components Datasheet Search
  English  ▼

X  

UPA1900 Datasheet(PDF) 1 Page - NEC

Part # UPA1900
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1900 Datasheet(HTML) 1 Page - NEC

  UPA1900 Datasheet HTML 1Page - NEC UPA1900 Datasheet HTML 2Page - NEC UPA1900 Datasheet HTML 3Page - NEC UPA1900 Datasheet HTML 4Page - NEC UPA1900 Datasheet HTML 5Page - NEC UPA1900 Datasheet HTML 6Page - NEC UPA1900 Datasheet HTML 7Page - NEC UPA1900 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998, 1999
MOS FIELD EFFECT TRANSISTOR
µµµµPA1900
N-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR SWITCHING
DATA SHEET
Document No.
D13809EJ1V0DS00 (1st edition)
Date Published
June 1999 NS CP(K)
Printed in Japan
The mark 5
5
5
5 shows major revised points.
DESCRIPTION
The
µPA1900 is a switching device which can be driven
directly by a 2.5 V power source.
The
µPA1900 features a low on-state resistance and
excellent switching characteristics, and is suitable for
applications such as power switch of portable machine and
so on.
FEATURES
• Can be driven by a 2.5 V power source
• Low on-state resistance
RDS(on)1 = 35 m
Ω MAX. (VGS = 4.5 V, ID = 3.0 A)
RDS(on)2 = 38 m
Ω MAX. (VGS = 4.0 V, ID = 3.0 A)
RDS(on)3 = 45 m
Ω MAX. (VGS = 2.5 V, ID = 3.0 A)
ORDERING INFORMATION
PART NUMBER
PACKAGE
µPA1900TE
6-pin Mini Mold (Thin Type)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage
VDSS
20
V
Gate to Source Voltage
VGSS
±12
V
Drain Current (DC)
ID(DC)
±5.5
A
Drain Current (pulse)
Note1
ID(pulse)
±22
A
Total Power Dissipation
PT1
0.2
W
Total Power Dissipation
Note2
PT2
2W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1 %
2. Mounted on FR-4 Board, t
≤ 5 sec.
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage
exceeding the rated voltage may be applied to this device.
PACKAGE DRAWING (Unit : mm)
0.65
0.9 to 1.1
0 to 0.1
0.16
+0.1
–0.06
0.95
12
3
65
4
1.9
2.9 ±0.2
0.32
+0.1
–0.05
0.95
1, 2, 5, 6 : Drain
3
: Gate
4
: Source
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Marking: TG
Gate
Drain


Similar Part No. - UPA1900

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1900 RENESAS-UPA1900 Datasheet
197Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1999
UPA1900TE RENESAS-UPA1900TE Datasheet
197Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1999
logo
VBsemi Electronics Co.,...
UPA1900TE VBSEMI-UPA1900TE Datasheet
481Kb / 9P
N-Channel 30 V (D-S) MOSFET
More results

Similar Description - UPA1900

ManufacturerPart #DatasheetDescription
logo
NEC
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
N0301N RENESAS-N0301N Datasheet
261Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com