Electronic Components Datasheet Search
  English  ▼

X  

N80C186EB13 Datasheet(PDF) 14 Page - Intel Corporation

Part # N80C186EB13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N80C186EB13 Datasheet(HTML) 14 Page - Intel Corporation

Back Button N80C186EB13 Datasheet HTML 10Page - Intel Corporation N80C186EB13 Datasheet HTML 11Page - Intel Corporation N80C186EB13 Datasheet HTML 12Page - Intel Corporation N80C186EB13 Datasheet HTML 13Page - Intel Corporation N80C186EB13 Datasheet HTML 14Page - Intel Corporation N80C186EB13 Datasheet HTML 15Page - Intel Corporation N80C186EB13 Datasheet HTML 16Page - Intel Corporation N80C186EB13 Datasheet HTML 17Page - Intel Corporation N80C186EB13 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
80C186EB PINOUT
Tables 4 and 5 list the 80C186EB80C188EB pin
names with package location for the 84-pin Plastic
Leaded Chip Carrier (PLCC) component Figure 5
depicts the complete 80C186EB80C188EB pinout
(PLCC package) as viewed from the top side of the
component (ie contacts facing down)
Tables 6 and 7 list the 80C186EB80C188EB pin
names with package location for the 80-pin Quad
Flat Pack (QFP) component Figure 6 depicts the
complete 80C186EB80C188EB (QFP package) as
viewed from the top side of the component (ie con-
tacts facing down)
Tables 8 and 9 list the 80186EB80188EB pin
names with package location for the 80-pin Shrink
Quad Flat Pack (SQFP) component Figure 7 depicts
the complete 80C186EB80C188EB (SQFP pack-
age) as viewed from the top side of the component
(ie contacts facing down)
Table 4 PLCC Pin Names with Package Location
AddressData Bus
Name
Location
AD0
61
AD1
66
AD2
68
AD3
70
AD4
72
AD5
74
AD6
76
AD7
78
AD8 (A8)
62
AD9 (A9)
67
AD10 (A10)
69
AD11 (A11)
71
AD12 (A12)
73
AD13 (A13)
75
AD14 (A14)
77
AD15 (A15)
79
A16
80
A17
81
A18
82
A19ONCE
83
Bus Control
Name
Location
ALE
6
BHE (RFSH)7
S0
10
S1
9
S2
8
RD
4
WR
5
READY
18
DEN
11
DTR
16
LOCK
15
HOLD
13
HLDA
12
Power
Name
Location
VSS
2 22 43
63 65 84
VCC
1 23
42 64
Processor Control
Name
Location
RESIN
37
RESOUT
38
CLKIN
41
OSCOUT
40
CLKOUT
44
TEST BUSY
14
NCS (NC)
60
PEREQ (NC)
39
ERROR (NC)
3
PDTMR
36
NMI
17
INT0
31
INT1
32
INT2INTA0
33
INT3INTA1
34
INT4
35
IO
Name
Location
UCS
30
LCS
29
P10GCS0
28
P11GCS1
27
P12GCS2
26
P13GCS3
25
P14GCS4
24
P15GCS5
21
P16GCS6
20
P17GCS7
19
T0OUT
45
T0IN
46
T1OUT
47
T1IN
48
RXD0
53
TXD0
52
P25BCLK0
54
CTS0
51
P20RXD1
57
P21TXD1
58
P22BCLK1
59
P23SINT1
55
P24CTS1
56
P26
50
P27
49
NOTE
Pin names in parentheses apply to the 80C188EB80L188EB
14
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com