Electronic Components Datasheet Search
  English  ▼

X  

N80C186EB13 Datasheet(PDF) 22 Page - Intel Corporation

Part # N80C186EB13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N80C186EB13 Datasheet(HTML) 22 Page - Intel Corporation

Back Button N80C186EB13 Datasheet HTML 18Page - Intel Corporation N80C186EB13 Datasheet HTML 19Page - Intel Corporation N80C186EB13 Datasheet HTML 20Page - Intel Corporation N80C186EB13 Datasheet HTML 21Page - Intel Corporation N80C186EB13 Datasheet HTML 22Page - Intel Corporation N80C186EB13 Datasheet HTML 23Page - Intel Corporation N80C186EB13 Datasheet HTML 24Page - Intel Corporation N80C186EB13 Datasheet HTML 25Page - Intel Corporation N80C186EB13 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
PACKAGE THERMAL
SPECIFICATIONS
The 80C186EB80L186EB is specified for operation
when TC (the case temperature) is within the range
of b40 Cto a100 C (PLCC package) or b40 Cto
a
114 C (QFP package) TC may be measured in
any environment to determine whether the proces-
sor is within the specified operating range The case
temperature must be measured at the center of the
top surface
TA (the ambient temperature) can be calculated
from iCA (thermal resistance from the case to ambi-
ent) with the following equation
TA e TC b P iCA
Typical values for iCA at various airflows are given
in Table 10 P (the maximum power consumption
specified in watts) is calculated by using the maxi-
mum ICC as tabulated in the DC specifications and
VCC of 55V
Table 10 Thermal Resistance (iCA) at Various Airflows (in CWatt)
Airflow Linear ftmin (msec)
0
200
400
600
800
1000
(0) (101) (203) (304) (406) (507)
iCA (PLCC)
30
24
21
19
17
165
iCA (QFP)
58
47
43
40
38
36
iCA (SQFP)
70
TBD
TBD
TBD
TBD
TBD
22
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com