Electronic Components Datasheet Search
  English  ▼

X  

HFD41 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFD41
Description  SUBMINIATURE SIGNAL RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD41 Datasheet(HTML) 1 Page - Hongfa Technology

  HFD41 Datasheet HTML 1Page - Hongfa Technology HFD41 Datasheet HTML 2Page - Hongfa Technology HFD41 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R`g[c j]kaklYf[]
Fad] Mg3?E6889=6
Da]d][lja[
klj]f_l`
B lqh]? Ahhjgp3 9:5eV@
M lqh]? Ahhjgp3 8;5eV@
H lqh]? Ahhjgp3 755eV
Cgad hgo]j
HM
B
HNMGFA QEKAX
Oa[c2mh
UgdlY_]
UDC
eYp3
Djgh2gml
UgdlY_]
UDC
eaf3
LYp3
UgdlY_]
UDC
6A 675UAC1 6A 795UAC485UDC
8A 675UAC
7A 675UAC1 :A 675UAC
/B?LMJBK
OdYkla[ k]Yd]\1
Fdmp hjgg^]\
U Efnajgfe]flYd ^ja]f\dq hjg\m[l /QgHR [gehdaYfl0
U Nmldaf] Dae]fkagfk? /6:3< p 6635p 67350 ee
IRN>5561 IRN4SR6;>9> 1 IRN695561 NHRAR6=5561 IECP PC 5=5555 CEQSIFIED
7569 Q]n3 6356
6A 675UAC1 6A 795UAC485UDC
7A 675UAC1 8A 675UAC
:A 675UAC
Fad] Mg3?CPC6555759>6<6/Nfdq HFD96A0
6C
655e eYp3 /Yl 6A ;UDC0
A_Ma1 A_C\N
795UAC 4 85UDC
:A
;55UA 4 85V
6p65<NOR
,65:*,: -*:*
IfkmdYlagf j]kaklYf[]
B]lo]]f [gad . [gflY[lk
B]lo]]f gh]f [gflY[lk
Nh]jYl] lae] /Yl fgea3 ngdl30
Q]d]Yk] lae] /Yl fgea3 ngdl30
Fmf[lagfYd
D]kljm[lan]
UaZjYlagf j]kaklYf[]
Hmea\alq
AeZa]fl l]eh]jYlmj]
S]jeafYlagf
Tfal o]a_`l
Cgfkljm[lagf
655L /Yl :55UDC0
6555UAC 6eaf
:55UAC 6eaf
65ek eYp3
:ek eYp3
>=e4k7
>=5e4k7
65Hr lg ::Hr 63:ee DA
:- lg =:- QH
27: lg <5
OCB /DIO0
Ahhjgp3 :_
9;+4252*:;8. 9205*3 8.3*>
,1*8*,:.829:2,9
,623
,623 -*:*
Cgf[Yl YjjYf_]e]fl
CgflY[l j]kaklYf[]
CgflY[l eYl]jaYd
LYp3 koal[`af_ ngdlY_]
LYp3 koal[`af_ [mjj]fl
LYp3 koal[`af_ hgo]j
L][`Yfa[Yd ]f\mjYf[]
MgeafYd
UgdlY_]
UDC
Cgad Q]kaklYf[]
p/6 65-0
8
:
;
>
67
79
738
83=
93:
;3=
>35
6=35
538
53:
53;
53>
637
739
83>
;3:
<3=
663<
6:3;
8637
9:
675
6=5
955
<55
7=55
7:
<5
655
775
955
6;55
75
:;
=5
6=5
875
67=5
9*/.:> *7786<*3 8*:2509
:A koal[`af_ [YhYZadalq
6 Fgje C [gf^a_mjYlagf
RlYf\Yj\ OCB dYqgml
OdYkla[ k]Yd]\ Yf\ ^dmp hjgg^]\ lqh]k YnYadYZd]
U
U
U
U
;3y,;3
Yl 78
8:
1/-|zy-|z*
CgflY[l jYlaf_
/Q]k3 dgY\0
U TK afkmdYlagf kqkl]e? CdYkk F YnYadYZd]
Ed][lja[Yd ]f\mjYf[]
5HLBK~ 60 S`] \YlY k`gof YZgn] Yj] afalaYd nYdm]k3
70 Od]Yk] ^af\ [gad l]eh]jYlmj] [mjn] af l`] [`YjY[l]jakla[ [mjn]k Z]dgo3
80 TK afkmdYlagf kqkl]e? CdYkk F
1 CdYkk B3
5HLBK~ 60 Add nYdm]k mfkh][a^a]\ Yj] Yl jgge l]eh]jYlmj]3
70 Nfdq lqha[Yd dgY\k Yj] dakl]\ YZgn]3 Nl`]j dgY\ kh][a^a[Ylagfk
[Yf Z] YnYadYZd] mhgf j]im]kl3
>3>p659NOR /6A 675UAC1 6A 85UDC1
Q]kaklan] dgY\1 Qgge l]eh31 6k gf >k g^^0


Similar Part No. - HFD41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFD41 ETC2-HFD41 Datasheet
58Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41-03-BS ETC2-HFD41-03-BS Datasheet
58Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41-03-HS ETC2-HFD41-03-HS Datasheet
58Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41-03-NS ETC2-HFD41-03-NS Datasheet
58Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41-05-BS ETC2-HFD41-05-BS Datasheet
58Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results

Similar Description - HFD41

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD4 HONGFA-HFD4 Datasheet
198Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
DSY2Y SANYOU-DSY2Y Datasheet
59Kb / 3P
Subminiature Signal Relay
SYS SANYOU-SYS Datasheet
183Kb / 3P
Subminiature Signal Relay
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
Subminiature Signal Relay
logo
Hongfa Technology
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com