Electronic Components Datasheet Search
  English  ▼

X  

HFD41 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFD41
Description  SUBMINIATURE SIGNAL RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD41 Datasheet(HTML) 2 Page - Hongfa Technology

  HFD41 Datasheet HTML 1Page - Hongfa Technology HFD41 Datasheet HTML 2Page - Hongfa Technology HFD41 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A \aj][lagf
HFD96
OCB KYqgml
/Bgllge na]o0
/Bgllge na]o0
/Bgllge na]o0
,MKLHFBJ KIB@D?E @HAB
Nmldaf] Dae]fkagfk
68-.8250 25/684*:265
6;:325. -24.592659x =28250 -2*08*4 *5- 7, +6*8- 3*>6;:
Vajaf_ DaY_jYe
Tfal? ee
8;
/WWW0
,HDE IHOBJ
1~ 755eV
5~ 8;5eV
+~ 9:5eV
,HDE NHEL?CB
81 :1 ;1 >1 671 79 UDC
:PIB
HFD96
HFD96A
467UDC 2M R
,HGKLJM@LDHG
6070
9~ OdYkla[ k]Yd]\
5DE~ Fdmp hjgg^]\
GF
2GKME?LDHG KL?GA?JA
/~ CdYkk F
5DE~ CdYkk B
,HGL?@L @?I?@DLP
80
8
,HGL?@L IE?LDGC
0~ Ggd\ hdYl]\
80
5DE~ Mg _gd\ hdYl]\
{~ 8ARA_C\N1 jan]l]\ [gflY[lS }~ :ARA_C\N1 jan]l]\ [gflY[lS
5DE~ 6A1 7ARA_Ma1 l`j]Y\]\ [gflY[lS
537
63;
6536;
73:9
53<
;2 6
6536;
73:9
6:3<
A
5HLBK~ 60 Tf\]j l`] YeZa]f[] oal` \Yf_]jgmk _Yk dac] H7R1 RN7 gj MN71 hdYkla[ k]Yd]\ lqh] ak j][gee]f\]\@ Od]Yk] l]kl l`] j]dYq af j]Yd
Yhhda[Ylagfk3 I^ l`] YeZa]f[] Yddgok1 ^dmp hjgg^]\ lqh] ak hj]^]j]flaYddq j][gee]f\]\3
70 CgflY[l ak j][gee]f\]\ ^gj kmalYZd] [gf\alagf Yf\ kh][a^a[Ylagfk a^ oYl]j [d]Yfaf_ gj kmj^Y[] hjg[]kk ak afngdn]\ af Ykk]eZdaf_ j]dYqk
gf OCB3
80 Fgj _gd\ hdYl]\ lqh]1 l`] eaf3 koal[`af_ [mjj]fl Yf\ eaf3 koal[`af_ ngdlY_] ak 65eA :UDC3 Fgj 8A1 :A dgY\ hjg\m[lk1 gfdq _gd\2hdYl]\
[gflY[l ak YnYadYZd]3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com