Electronic Components Datasheet Search
  English  ▼

X  

HFE6 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE6
Description  HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE6 Datasheet(HTML) 1 Page - Hongfa Technology

  HFE6 Datasheet HTML 1Page - Hongfa Technology HFE6 Datasheet HTML 2Page - Hongfa Technology HFE6 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4GDRSPGQ
q?9< @?G5B
q?>D13D 1BB1>75=5>D
r95<53DB93
CDB5>7D8
*8?3;
B5C9CD1>35
:NRGQ. .85> B5AE9B9>7 ?D85B >?=9>1< F?<D175_ C@5391< ?B45B 1<<?G54a
v{zuto ~sxo0
w*{lccd_ w*{b+*dilgl _ w*{dgccd_ {v*o*dkccd_ wsq} }q ckcccc qs~+wtwsr
dci
*9>7<5 3?9< <1D389>7mo@@B?Hade.n
r?E2<5 3?9<C <1D389>7mo@@B?Haeg.
ecdf ~5Fa dacc
6756 <;B3= 8/?167:5 =38/C
eo_ ep
+I@amcaeh= =1Ha\1D ecco] \d]
o7*>{e
ecco ejj-oqbek-rq
ggc-oq
ecco
hhgcc-o b hicc.
d H dch{|*
d H dcg{|*
1;:?/1? 2/?/
16/=/1?3=7>?71>
dcccy \1D hcc-rq]
gccc-oq d=9>
eccc-oq d=9>
k==
fc=C =1Ha
fc=C =1Ha
lk=bCe
lkc=bCe
dcvJD? hhvJ dac== ro
hY D? khY ~v
`gc?q D? kh?q
}q
o@@B?Ha hcc7
rECD @B?D53D54
1;78
de
eg
gk
de
eg
gk
lai
dlae
fkag
lai
dlae
fkag
de
gk
dlc
i^i
eg^eg
lh^lh
T x1D389>7 B5<1I
T ecco CG9D389>7 31@129<9DI
T *DB?>7 B5C9CD1>35 129<9DI D? C8?3; Z F92B1D9?>
T v51FI <?14 E@ D? hhag;-o
T g;- 495<53DB93 CDB5>7D8 \25DG55> 3?9< 1>4 3?>D13DC]
T +I@931< 1@@<931D9?>m|?G5B_x1=@
T s>F9B?>=5>D1< 6B95>4<I @B?4E3D \~?v* 3?=@<91>D]
T {ED<9>5 r9=5>C9?>Cm\dccac H kcac H elak] ==
q?>D13D =1D5B91<
q?>D13D B1D9>7 \~5Ca <?14]
y1Ha CG9D389>7 F?<D175
y1Ha CG9D389>7 3EBB5>D
y1Ha CG9D389>7 @?G5B
y5381>931< 5>4EB1>35
s<53DB931< 5>4EB1>35
1;78 2/?/
w>CE<1D9?> B5C9CD1>35
p5DG55> 3?9< Z 3?>D13DC
p5DG55> ?@5> 3?>D13DC
qB55@175 49CD1>35
{@5B1D5 D9=5 \1D >?=9a F?<Da]
~5<51C5 D9=5 \1D >?=9a F?<Da]
tE>3D9?>1<
r5CDBE3D9F5
-92B1D9?> B5C9CD1>35
vE=949DI
o=295>D D5=@5B1DEB5
+5B=9>1D9?>
,>9D G5978D
q?>CDBE3D9?>
*5D b~5C5D
-?<D175
-rq
=1Ha
|E<C5
rEB1D9?>
=C
=9>a
q?9< ~5C9CD1>35
H \d dcY]
z?=9>1<
-?<D175
-rq
1D ef
dhc
dhc
dhc
dhc
dhc
dhc
643-
*9>7<5 3?9<
<1D389>7
r?E2<5 3?9<C
<1D389>7
q?>D13D B5C9CD1>35
:NRGQ. +85 41D1 C8?G> 12?F5 1B5 9>9D91< F1<E5Ca
z?D5Cm \d] +I@931< F1<E5m *1=@<9>7 AE1>D9DI 6?B 3?>D13D B5C9CD1>35 C81<< >?D <5CC D81>
ec @3C_ D1;5 D85 1F5B175 F1<E5 6B?= h 3?>D9>?EC =51CEB5=5>DC 6?B 5138
C1=@<5a


Similar Part No. - HFE6

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE60 HONGFA-HFE60 Datasheet
68Kb / 4P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE60P HONGFA-HFE60P Datasheet
75Kb / 5P
SUBMINIATUER INTERMEDIATE POWER RELAY
HFE60P HONGFA-HFE60P_17 Datasheet
77Kb / 5P
Low height 10.5mm
HFE60 HONGFA-HFE60_17 Datasheet
70Kb / 4P
Low height 10.5mm
HFE61 HONGFA-HFE61 Datasheet
1Mb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HFE6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
HIGH POWER LATCHING RELAY
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HFE31 HONGFA-HFE31 Datasheet
51Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com