Electronic Components Datasheet Search
  English  ▼

X  

HFE6 Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFE6
Description  HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE6 Datasheet(HTML) 3 Page - Hongfa Technology

  HFE6 Datasheet HTML 1Page - Hongfa Technology HFE6 Datasheet HTML 2Page - Hongfa Technology HFE6 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
+I@5 p 3?>D13D D5B=9>1<
q?9< .9B9>7 r917B1=
{ED<9>5 r9=5>C9?>C
~5=1B;mw> 31C5 ?6>? D?<5B1>35 C8?G> 9> ?ED<9>5 49=5>C9?>m ?ED<9>5 49=5>C9?> Sd==_ D?<5B1>35 C8?E<4 25 Lcae==n ?ED<9>5 49=5>C9?>
Ud== 1>4 Sh==_ D?<5B1>35 C8?E<4 25 Lcaf==n ?ED<9>5 49=5>C9?> Uh==_ D?<5B1>35 C8?E<4 25 Lcag==a
dck
~5C5D
~5C5D
*5D
*5D
*5D
*5D
~5C5D
~5C5D
da ~5<1I 9C ?> D85 OB5C5DP ?B XC5DX CD1DEC G85> 259>7 B5<51C54 6B?= CD?3;_ G9D8 D85 3?>C945B1D9?> ?6C8?3; B9C5> 6B?= DB1>C9D 1>4 B5<1I
=?E>D9>7_ B5<1I G?E<4 25 381>754 D? OC5DP ?B XB5C5DX CD1DEC_ D85B56?B5_ G85> 1@@<931D9?> \3?>>53D9>7 D85 @?G5B CE@@<I]_ @<51C5
B5C5D D85 B5<1I D? OC5DP ?B OB5C5DP CD1DEC ?> B5AE5CDa
ea w> ?B45B D? =19>D19> OC5DP ?B OB5C5DP CD1DEC_ 5>5B79J54 F?<D175 D? 3?9< C8?E<4 B5138 D85 B1D54 F?<D175_ 9=@E<C5 G94D8 C8?E<4 25 h
D9=5C =?B5 D81> OC5DP ?B OB5C5DP D9=5ar? >?D 5>5B79J5 F?<D175 D? OC5DP 3?9< 1>4 OB5C5DP 3?9< C9=E<D1>5?EC<Iao>4 1<C? <?>7 5>5B79J54
D9=5 \=?B5 D81> d =9>] C8?E<4 25 1F?9454a
fa +85 D5B=9>1<C ?6B5<1I G9D8?ED DG9CD54 3?@@5B G9B5 31> >?D 25 D9>`C?<45B54_ 31> >?D 25 =?F54 G9<<6E<<Ia
ga ~5<1IC EC54 6?B =5D5B9>7 =51CEB9>7 1@@<931D9?>C 1B5 ECE1<<I =145 G9D8 4ECD @B??6 CDBE3DEB5_ G89<5 =?CD B5<1IC 3?E<4 25 =145
C@5391<<I @5B 3ECD?=5B[C C@539693 B5AE9B5=5>DCaz? <?>75B D81> i =?>D8C[ CD?B175 D9=5 9C B53?==5>454 6?B D89C ;9>4 ?6 B5<1I_
1>4 @<51C5 @1I 1DD5>D9?> D? D85 CD?B175 5>F9B?>=5>Da +? 5>CEB5 3?>D13D B5<9129<9DI_ G5 G9<< ;55@ 3?>D13D CD1DEC 25 3<?C54 G85>
45<9F5BI 96>? C@5391< B5AE9B54 2I 3ECD?=5Ba
:NRJEG
r9C3<19=5B
+89C 41D1C855D 9C 6?B D85 3ECD?=5BCN B565B5>35ao<< D85 C@5396931D9?>C 1B5 CE2:53D D? 381>75 G9D8?ED >?D935a
.5 3?E<4 >?D 5F1<E1D5 1<< D85 @5B6?B=1>35 1>4 1<< D85 @1B1=5D5BC 6?B 5F5BI @?CC92<5 1@@<931D9?>a +8EC D85 EC5B C8?E<4 25 9> 1 B978D @?C9D9?> D?
38??C5 D85 CE9D12<5 @B?4E3D 6?B D859B ?G> 1@@<931D9?>aw6D85B5 9C 1>I AE5BI_ @<51C5 3?>D13D v?>761 6?B D85 D538>931< C5BF935av?G5F5B_ 9D 9C D85 EC5BNC
B5C@?>C929<9DI D? 45D5B=9>5 G8938 @B?4E3D C8?E<4 25 EC54 ?><Ia
K /91=5> v?>761 s<53DB?13?ECD93 q?a_ xD4a o<< B978DC ?6 v?>761 1B5 B5C5BF54a
;@?87:3 2793:>7;:> /:2 B7=7:5 27/5=/9
,>9Dm ==
|?C9D9F5 @?<1B9DI
z571D9F5 @?<1B9DI
e`Miag
elak
dl
i
jk
lcai
ihak
hc
kc
dcc
g`Mgae
g`eag
f
e
d
d
f
d
f
d
f
d
f
e
e



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com