Electronic Components Datasheet Search
  English  ▼

X  

FR1M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FR1M
Description  GLASS PASSIVATED FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FR1M Datasheet(HTML) 1 Page - Diodes Incorporated

  FR1M Datasheet HTML 1Page - Diodes Incorporated FR1M Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS15003 Rev. 5 - 3
1 of 2
FR1A-FR1M
www.diodes.com
ã Diodes Incorporated
FR1A - FR1M
GLASS PASSIVATED FAST RECOVERY RECTIFIER
Features
Maximum Ratings and Electrical Characteristics
Notes:
1. Reverse Recovery Test Conditions: I F = 0.5A, IR = 1A, IRR = 0.25A
2. Thermal Resistance from junction to lead with 6.0mm 2 copper pads
3. Measured at 1.0MHz and applied reverse voltage of 4.0V
A
B
C
D
G
H
E
J
SMB
Dim
Min
Max
A
3.30
3.94
B
4.00
4.65
C
1.95
2.21
D
0.15
0.40
E
5.00
6.00
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
Ratings at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz resistive or inductive load.
·
For Surface Mounted Applications
·
Capable of Meeting Environmental Standards of
MIL-STD-19500
·
Plastic Material - UL Flammability
Classification 94V-0
·
High Reliability
·
Submersible Temperature of 265
°C for
10 Seconds in Solder Bath
·
Glass Passivated Junction
·
Case: SMB, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Approx. Weight: 0.093 grams
·
Mounting Position: Any
Mechanical Data
Characteristic
Unit
FR1A
FR1B
FR1D
FR1G
FR1J
FR1K
FR1M
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@ TA = 75
°C
I(AV)
1.0
A
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
30
A
Maximum Instantaneous Forward Voltage at 1.0 A
VF
1.3
V
Maximum DC Reverse Current at Rated
@ TA =25
°C
DC Blocking Voltage
@ TA = 125
°C
IR
5.0
100
mA
Maximum Full Load Reverse Current Full Cycle
Average
@ TA = 75
°C
50
mA
Maximum Reverse Recovery Time (See Note 1)
trr
150
250
500
500
ns
MaximumThermal Resistance (See Note 2)
RQJL
30
°C/W
Typical Junction Capacitance (See Note 3)
CJ
15
pF
Operating and Storage Temperature Rating
TJ,TSTG
-65 to +175
°C
NOT RECOMMENDED FOR NEW DESIGNS,
PLEASE USE RS1AB - RS1MB


Similar Part No. - FR1M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR1M SSE-FR1M Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
FR1M DIODES-FR1M Datasheet
50Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
DS15003 Rev. C-3
logo
Micro Commercial Compon...
FR1M MCC-FR1M Datasheet
622Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
FR1M DIOTEC-FR1M Datasheet
163Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
FR1M SEMIKRON-FR1M Datasheet
110Kb / 2P
Fast silicon rectifier diodes
More results

Similar Description - FR1M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
Glass Passivated Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
1N4933G MIC-1N4933G Datasheet
53Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
FR160X HORNBY-FR160X Datasheet
270Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com