Electronic Components Datasheet Search
  English  ▼

X  

FR1M Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FR1M
Description  GLASS PASSIVATED FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FR1M Datasheet(HTML) 2 Page - Diodes Incorporated

  FR1M Datasheet HTML 1Page - Diodes Incorporated FR1M Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS15003 Rev. 5 - 3
2 of 2
FR1A-FR1M
www.diodes.com
0
0.2
0.4
0.6
0.8
1.0
20
40
60
80
100 120 140
160
180
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1, Forward Current Derating Curve
Single Phase Half Wave
60Hz Resistive or Inductive Load
9.5mm Lead Lengths
110
100
5
10
15
20
25
30
NUMBER OF CYCLES @ 60Hz
Fig. 4, Max Non-Repetitive Peak Forward Surge Current
8.3ms SINGLE HALF SINE-WAVE
JEDEC METHOD
110
100
100
10
1
V , REVERSE VOLTAGE (V)
R
Fig. 3, Capacitance Characteristics
T = 25ºC
J
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1.0
4.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2, Typical Forward Characteristics
T = 25ºC
J
PULSE WIDTH = 300mS
2% DUTY CYCLE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com