Electronic Components Datasheet Search
  English  ▼

X  

87C196CB Datasheet(PDF) 21 Page - Intel Corporation

Part # 87C196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196CB Datasheet(HTML) 21 Page - Intel Corporation

Back Button 87C196CB Datasheet HTML 17Page - Intel Corporation 87C196CB Datasheet HTML 18Page - Intel Corporation 87C196CB Datasheet HTML 19Page - Intel Corporation 87C196CB Datasheet HTML 20Page - Intel Corporation 87C196CB Datasheet HTML 21Page - Intel Corporation 87C196CB Datasheet HTML 22Page - Intel Corporation 87C196CB Datasheet HTML 23Page - Intel Corporation 87C196CB Datasheet HTML 24Page - Intel Corporation 87C196CB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
87C196CA87C196CB
8XC196CB AC CHARACTERISTICSSLAVE PORT
SLAVE PORT WAVEFORM(SLPL e 0)
272405 – 21
SLAVE PORT TIMING(SLPL e 0 1 2 3)
Symbol
Parameter
Min
Max
Units
TSAVWL
Address Valid to WR Low
50
ns
TSRHAV
RD High to Address Valid
60
ns
TSRLRH
RD Low Period
TOSC
ns
TSWLWH
WR Low Period
TOSC
ns
TSRLDV
RD Low to Output Data Valid
60
ns
TSDVWH
Input Data Setup to WR High
20
ns
TSWHQX
WR High to Data Invalid
30
ns
TSRHDZ
RD High to Data Float
15
ns
NOTES
1 Test Conditions FOSC e 20 MHz TOSC e 60 ns RiseFall Time e 10 ns Capacitive Pin Load e 100 pF
2 These values are not tested in production and are based upon theoretical estimates andor laboratory tests
3 Specifications above are advanced information and are subject to change
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com