Electronic Components Datasheet Search
  English  ▼

X  

87C196CB Datasheet(PDF) 3 Page - Intel Corporation

Part # 87C196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196CB Datasheet(HTML) 3 Page - Intel Corporation

  87C196CB Datasheet HTML 1Page - Intel Corporation 87C196CB Datasheet HTML 2Page - Intel Corporation 87C196CB Datasheet HTML 3Page - Intel Corporation 87C196CB Datasheet HTML 4Page - Intel Corporation 87C196CB Datasheet HTML 5Page - Intel Corporation 87C196CB Datasheet HTML 6Page - Intel Corporation 87C196CB Datasheet HTML 7Page - Intel Corporation 87C196CB Datasheet HTML 8Page - Intel Corporation 87C196CB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
87C196CA87C196CB
PROCESS INFORMATION
These devices are manufactured on P6295
a
CHMOS III-E process Additional process and reli-
ability information is available in Intel’s
Components
Quality and Reliability Handbook
Order Number
210997
All thermal impedance data is approximate for static
air conditions at 10W of power dissipation Values
will change depending on operation conditions and
application See the Intel
Packaging Handbook (or-
der number 240800) for a description of Intel’s ther-
mal impedance test methodology
272405 – 2
Figure 2 The 87C196CACB Familiy Nomenclature
Thermal Characteristics
Device and Package
iJA
iJC
AN87C196CB
350 CW
110 CW
(84-Lead PLCC Package)
AN87C196CA
365 CW
100 CW
(68-Lead PLCC Package)
NOTES
1 iJA e Thermal resistance between junction and the surrounding environment (ambient) measurements are taken 1 ft
away from case in air flow environment
iJC e Thermal resistance between junction and package face (case)
2 All values of iJA and iJC may fluctuate depending on the environment (with or without airflow and how much airflow)
and device power dissipation at temperature of operation Typical variations are g2 CW
3 Values listed are at a maximum power dissipation of 10W
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com