Electronic Components Datasheet Search
  English  ▼

X  

87C196 Datasheet(PDF) 24 Page - Intel Corporation

Part # 87C196
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 24 Page - Intel Corporation

Back Button 87C196 Datasheet HTML 20Page - Intel Corporation 87C196 Datasheet HTML 21Page - Intel Corporation 87C196 Datasheet HTML 22Page - Intel Corporation 87C196 Datasheet HTML 23Page - Intel Corporation 87C196 Datasheet HTML 24Page - Intel Corporation 87C196 Datasheet HTML 25Page - Intel Corporation 87C196 Datasheet HTML 26Page - Intel Corporation 87C196 Datasheet HTML 27Page - Intel Corporation 87C196 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
87C196CA87C196CB
EXTERNAL CLOCK DRIVE
Symbol
Parameter
Min
Max
Units
1TXLXL
Oscillator Frequency
4
20
MHz
TXLXL
Oscillator Period (TOSC)
500
250
ns
TXHXX
High Time
035 c TOSC
065 TOSC
ns
TXLXX
Low Time
035 c TOSC
065 TOSC
ns
TXLXH
Rise Time
10
ns
TXHXL
Fall Time
10
ns
EXTERNAL CLOCK DRIVE WAVEFORMS
272405 – 23
AC TESTING INPUT OUTPUT WAVEFORMS
272405 – 24
AC Testing inputs are driven at 35V for a logic ‘‘1’’ and
045V for a logic ‘‘0’’ Timing measurements are made
at 20V for a logic ‘‘1’’ and 08V for logic ‘‘0’’
FLOAT WAVEFORMS
272405 – 25
For timing purposes a Port Pin is no longer floating
when a 150 mV change from load voltage occurs and
begins to float when a 150 mV change from the loading
VOH VOL level occurs IOL IOH s 15 mA
EXPLANATION OF AC SYMBOLS
Each symbol is two pairs of letters prefixed by ‘‘T’’
for time The characters in a pair indicate a signal
and its condition respectively Symbols represent
the time between the two signalcondition points
Conditions
Signals
HHigh
AAddress
HAHLDA
LLow
BBHE
LALEADV
VValid
BRBREQ
QData Out
XNo Longer
CCLKOUT
RDRD
Valid
DDATA
WWR WRH WRI
ZFloating
GBuswidth
XXTAL1
HHOLD
YREADY
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com