| Electronic Components Datasheet Search |
|
87C196 Datasheet(PDF) 32 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
87C196 Datasheet(HTML) 32 Page - Intel Corporation |
|
32 / 33 page ![]() 87C196CA87C196CB 87C196CA ERRATA This data sheet was published prior to first available silicon Consequently there is no known errata at this time 87C196CA DESIGN CONSIDERATIONS 1 PORT0 On the 87C196CA the analog inputs for P00 and P01 have been multiplexed and tied to VREF There- fore initiating an analog conversion on ACH0 or ACH1 will result in a value equal to full scale (3FFh) On the CA the digital inputs for these two channels are tied to ground therefore reading P00 or P01 will result in a digital ‘‘0’’ 2 PORT1 On the 87C196CA P14 P15 P16 and P17 have been removed from the device and is unavailable to the programmer Corresponding bits in the port reg- isters have been ‘‘hard-wired’’ to provide the follow- ing results when read Register Bits When Read P1 PINx (x e 4567) 1 P1 REGx (x e 4567) 1 P1 DIRx (x e 4567) 1 P1 MODEx (x e 4567) 0 Writing to these bits will have no effect 3 PORT2 On the 87C196CA P23 and P25 have been re- moved from the device and are not available to the programmer Corresponding bits in the port registers have been ‘‘hard-wired’’ to provide the following re- sults when read Register Bits When Read P2 PINx (x e 35) 1 P2 REGx (x e 35) 1 P2 DIRx (x e 35) 1 P2 MODEx (x e 35) 0 Writing to these bits will have no effect 4 PORT5 On the 87C196CA P51 and P57 have been re- moved from the device and are not available to the programmer Corresponding bits in the port registers have been ‘‘hard-wired’’ to provide the following re- sults when read Register Bits When Read P5 PINx (x e 17) 1 P5 REGx (x e 17) 1 P5 DIRx (x e 17) 1 P5 MODEx (x e 1) 0 P5 MODEx (x e 7) 1 Writing to these bits will have no effect 5 PORT6 On the 87C196CA P62 and P63 have been re- moved from the device and are not available to the programmer Corresponding bits in the port registers have been ‘‘hard-wired’’ to provide the following re- sults when read Register Bits When Read P6 PINx (x e 23) 1 P6 REGx (x e 23) 1 P6 DIRx (x e 23) 1 P6 MODEx (x e 23) 0 Writing to these bits will have no effect 32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |