Electronic Components Datasheet Search
  English  ▼

X  

87C196 Datasheet(PDF) 14 Page - Intel Corporation

Part # 87C196
Description  16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 87C196 Datasheet HTML 10Page - Intel Corporation 87C196 Datasheet HTML 11Page - Intel Corporation 87C196 Datasheet HTML 12Page - Intel Corporation 87C196 Datasheet HTML 13Page - Intel Corporation 87C196 Datasheet HTML 14Page - Intel Corporation 87C196 Datasheet HTML 15Page - Intel Corporation 87C196 Datasheet HTML 16Page - Intel Corporation 87C196 Datasheet HTML 17Page - Intel Corporation 87C196 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AUTOMOTIVE 87C196KC
EXTERNAL CLOCK DRIVE
Symbol
Parameter
Min
Max
Units
1TXLXL
Oscillator Frequency
40
160
MHz
TXLXL
Oscillator Frequency
625
250
ns
TXHXX
High Time
22
ns
TXLXX
Low Time
22
ns
TXLXH
Rise Time
10
ns
TXHXL
Fall Time
10
ns
EXTERNAL CLOCK DRIVE WAVEFORMS
270846 – 26
An external oscillator may encounter as much as a 100 pF load at XTAL1 when it starts-up This is due to
interaction between the amplifier and its feedback capacitance Once the external signal meets the VIL and
VIH specifications the capacitance will not exceed 20 pF
AC TESTING INPUT OUTPUT WAVEFORMS
270846 – 27
AC Testing inputs are driven at 24V for a Logic ‘‘1’’ and 045V for
a Logic ‘‘0’’ Timing measurements are made at 20V for a Logic
‘‘1’’ and 08V for a Logic ‘‘0’’
FLOAT WAVEFORMS
270846 – 28
For Timing Purposes a Port Pin is no Longer Floating when a
100 mV change from Load Voltage Occurs and Begins to Float
when a 100 mV change from the Loaded VOH VOL Level occurs
IOL IOH e g15 mA
EXPLANATION OF AC SYMBOLS
Each symbol is two pairs of letters prefixed by ‘‘T’’ for time The characters in a pair indicate a signal and its
condition respectively Symbols represent the time between the two signalcondition points
Conditions
H
High
L
Low
V
Valid
X
No Longer Valid
Z
Floating
Signals
A
Address
B
BHE
C
CLKOUT
D
DATA
G
Buswidth
H
HOLD
HA
HLDA
L
ALEADV
BR
BREQ
R
RD
W
WR WRH WRL
X
XTAL1
Y
READY
Q
Data Out
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com