Electronic Components Datasheet Search
  English  ▼

X  

87C54 Datasheet(PDF) 20 Page - Intel Corporation

Part # 87C54
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C54 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 87C54 Datasheet HTML 12Page - Intel Corporation 87C54 Datasheet HTML 13Page - Intel Corporation 87C54 Datasheet HTML 14Page - Intel Corporation 87C54 Datasheet HTML 15Page - Intel Corporation 87C54 Datasheet HTML 16Page - Intel Corporation 87C54 Datasheet HTML 17Page - Intel Corporation 87C54 Datasheet HTML 18Page - Intel Corporation 87C54 Datasheet HTML 19Page - Intel Corporation 87C54 Datasheet HTML 20Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AUTOMOTIVE 87C5487C54-20
DATA SHEET REVISION HISTORY
The following are key differences between this data sheet and the -003 version of the data sheet
1 The data sheet has been revised to include the 20 MHz 87C54 The title was changed from 87C54 to
87C5487C54-20
2 RST pin in Figure 3 has been changed to RESET pin
3 Max ICC has been corrected to reflect test program conditions
4 Figure 6 ICC vs Frequency has been changed to reflect new ICC specifications
5 87C54-20 AC Timings have been added to the External Memory Characteristics Table
The following are key differences between this data sheet and the -002 version of the data sheet
1 ‘‘NC’’ pin labels changed to ‘‘Reserved’’ in Figure 3
2 Capacitor value for ceramic resonators deleted in Figure 4
3 Replaced A0 – A15 with P10 – P17 P20 – P25 (EPROM programming and verification waveforms)
4 Replaced D0 – D7 with P0 (EPROM programming and verification waveforms)
The following are the key differences between the -001 and the -002 versions of this data sheet
1 The RST description has been modified to clarify the reset operation when the oscillator is not running
2 Figure 4 (Oscillator Connections) has been changed for Ceramic Resonators
3 A description of RFI Reduction Mode has been added
4 VIL IIL ITL and ICC DC Characteristics have been revised
5 AC and DC Characteristics are specified to g10% VCC revised from g20% VCC
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com