Electronic Components Datasheet Search
  English  ▼

X  

87C54 Datasheet(PDF) 4 Page - Intel Corporation

Part # 87C54
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C54 Datasheet(HTML) 4 Page - Intel Corporation

  87C54 Datasheet HTML 1Page - Intel Corporation 87C54 Datasheet HTML 2Page - Intel Corporation 87C54 Datasheet HTML 3Page - Intel Corporation 87C54 Datasheet HTML 4Page - Intel Corporation 87C54 Datasheet HTML 5Page - Intel Corporation 87C54 Datasheet HTML 6Page - Intel Corporation 87C54 Datasheet HTML 7Page - Intel Corporation 87C54 Datasheet HTML 8Page - Intel Corporation 87C54 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AUTOMOTIVE 87C5487C54-20
PACKAGES
Part
Prefix
Package Type
87C54
AP
40-Pin Plastic DIP
87C54
AN
44-Pin PLCC
270849 – 2
DIP (PDIP)
270849 – 3
Do not connect reserved pins
PAD (PLCC)
Figure 3 Pin Connections
PIN DESCRIPTIONS
VCC Supply voltage
VSS Circuit ground
VSS1 Secondary ground (in PLCC only) Provided to
reduce ground bounce and improve power supply
by-passing
NOTE
This pin is not a substitute for the VSS pin (pin 22)
Port 0 Port 0 is an 8-bit open drain bidirectional IO
port As an output port each pin can sink several LS
TTL inputs Port 0 pins that have 1’s written to them
float and in that state can be used as high-imped-
ance inputs
Port 0 is also the multiplexed low-order address and
data bus during accesses to external Program and
Data Memory In this application it uses strong inter-
nal pullups when emitting1’s and can source and
sink several LS TTL inputs
Port 0 also receives the code bytes during EPROM
programming and outputs the code bytes during
program verification External pullup resistors are re-
quired during program verification
Port 1 Port 1 is an 8-bit bidirectional IO port with
internal pullups The Port 1 output buffers can drive
LS TTL inputs Port 1 pins that have 1’s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 1
pins that are externally pulled low will source current
(IIL on the data sheet) because of the internal pull-
ups
In addition Port 1 serves the functions of the follow-
ing special features of the 87C54
Port Pin
Alternate Function
P10
T2 (External Count Input to Timer
Counter 2) Clock-Out
P11
T2EX (TimerCounter 2 Capture
Reload Trigger and Direction Control)
P12
ECI (External Count Input to the PCA)
P13
CEX0 (External IO for Compare
Capture Module 0)
P14
CEX1 (External IO for Compare
Capture Module 1)
P15
CEX2 (External IO for Compare
Capture Module 2)
P16
CEX3 (External IO for Compare
Capture Module 3)
P17
CEX4 (External IO for Compare
Capture Module 4)
Port 1 receives the low-order address bytes during
EPROM programming and verifying
Port 2 Port 2 is an 8-bit bidirectional IO port with
internal pullups The Port 2 output buffers can drive
LS TTL inputs Port 2 pins that have 1’s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 2
pins that are externally pulled low will source current
(IIL on the data sheet) because of the internal pull-
ups
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com