Electronic Components Datasheet Search
  English  ▼

X  

8X930AX Datasheet(PDF) 15 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 15 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 11Page - Intel Corporation 8X930AX Datasheet HTML 12Page - Intel Corporation 8X930AX Datasheet HTML 13Page - Intel Corporation 8X930AX Datasheet HTML 14Page - Intel Corporation 8X930AX Datasheet HTML 15Page - Intel Corporation 8X930AX Datasheet HTML 16Page - Intel Corporation 8X930AX Datasheet HTML 17Page - Intel Corporation 8X930AX Datasheet HTML 18Page - Intel Corporation 8X930AX Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
ADVANCE INFORMATION
11
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
5.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature Under Bias.................... -40°C to +85°C
Storage Temperature ................................... -65°C to +150°C
Voltage on Any Pins to V
SS ............................. -0.5 V to +6.5 V
I
OL per I/O Pin ................................................................. 15 mA
Power Dissipation .......................................................... 1.5 W
OPERATING CONDITIONS†
T
A (Ambient Temperature Under Bias):
Commercial ........................................................ -0°C to +70°C
V
CC/VCCP (Digital Supply Voltage) .................. 4.00 V to 5.25 V
V
SS / VSSP............................................................................ 0 V
AV
CC (Analog Supply Voltage) ...................... 4.00 V to 5.25 V
F
OSC .............................................................. 6 MHz or 12 MHz
NOTE:
Maximum power dissipation is based on
package heat-transfer limitations, not device
power consumption.
NOTICE: This document contains information on
products in the sampling and initial production
phases of development. The specifications are
subject to change without notice. Verify with your
local Intel sales office that you have the latest
datasheet before finalizing a design.
† WARNING: Stressing the device beyond the
“Absolute Maximum Ratings” may cause perma-
nent damage. These are stress ratings only. Oper-
ation beyond the “Operating Conditions” is not
recommended and extended exposure beyond the
“Operating Conditions” may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com