Electronic Components Datasheet Search
  English  ▼

X  

87C51F Datasheet(PDF) 13 Page - Intel Corporation

Part # 87C51F
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C51F Datasheet(HTML) 13 Page - Intel Corporation

Back Button 87C51F Datasheet HTML 9Page - Intel Corporation 87C51F Datasheet HTML 10Page - Intel Corporation 87C51F Datasheet HTML 11Page - Intel Corporation 87C51F Datasheet HTML 12Page - Intel Corporation 87C51F Datasheet HTML 13Page - Intel Corporation 87C51F Datasheet HTML 14Page - Intel Corporation 87C51F Datasheet HTML 15Page - Intel Corporation 87C51F Datasheet HTML 16Page - Intel Corporation 87C51F Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AUTOMOTIVE 87C51FAFBFCFC-20
SERIAL PORT TIMINGSHIFT REGISTER MODE
Test Conditions TA eb40 Cto a125 C VCC e 5V g 20% VSS e 0V Load Capacitance e 80 pF
Symbol
Parameter
12 MHz Oscillator
Variable Oscillator
Units
Min
Max
Min
Max
TXLXL
Serial Port Clock Cycle Time
1
12TCLCL
m
s
TQVXH
Output Data Setup to Clock
700
10TCLCLb133
ns
Rising Edge
TXHQX
Output Data Hold after
50
2TCLCLb117
ns
Clock Rising Edge
TXHDX
Input Data Hold After Clock
0
0
ns
Rising Edge
TXHDV
Clock Rising Edge to Input
700
10TCLCLb133
ns
Data Valid
SHIFT REGISTER MODE TIMING WAVEFORMS
270961 – 15
EXTERNAL CLOCK DRIVE
Symbol
Parameter
Min
Max
Units
1TCLCL
Oscillator Frequency
35
1620
MHz
87C51FAFBFC
TCHCX
High Time
20
ns
TCLCX
Low Time
20
ns
TCLCH
Rise Time
20
ns
TCHCL
Fall Time
20
ns
EXTERNAL CLOCK DRIVE WAVEFORMS
270961 – 16
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com