Electronic Components Datasheet Search
  English  ▼

X  

74LCX07 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74LCX07
Description  Low-voltage CMOS hex buffer (open drain)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX07 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74LCX07 Datasheet HTML 2Page - STMicroelectronics 74LCX07 Datasheet HTML 3Page - STMicroelectronics 74LCX07 Datasheet HTML 4Page - STMicroelectronics 74LCX07 Datasheet HTML 5Page - STMicroelectronics 74LCX07 Datasheet HTML 6Page - STMicroelectronics 74LCX07 Datasheet HTML 7Page - STMicroelectronics 74LCX07 Datasheet HTML 8Page - STMicroelectronics 74LCX07 Datasheet HTML 9Page - STMicroelectronics 74LCX07 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
74LCX07
6/16
Doc ID 6818 Rev 8
4
Electrical characteristics
Table 6.
DC specifications
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
-40 to 85 °C
Min.
Max.
VIH
High level input voltage
2.7 to 3.6
2.0
V
VIL
Low level input voltage
0.8
V
VOL
Low level output voltage
2.7 to 3.6
IO = 100 μA0.2
V
2.7
IO = 12 mA
0.4
3.0
IO = 16 mA
0.4
IO = 24 mA
0.55
II
Input leakage current
2.7 to 3.6
VI = 0 to 5.5 V
± 5
μA
Ioff
Power OFF leakage current
0
VI or VO = 5.5 V
10
μA
IOZ
High impedance output leakage
current
2.7 to 3.6
VI = VIH or VIL
VO = 0 to VCC
± 5
μA
ICC
Quiescent supply current
2.7 to 3.6
VI = VCC or GND
10
μA
VI or VO = 3.6 to 5.5 V
± 10
ΔICC
I incr. per input
2.7 to 3.6
VIH = VCC - 0.6 V
500
μA
Table 7.
Dynamic switching characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
VOLP
Dynamic low level quiet output(1)
3.3
VIL = 0 V
VIH = 3.3 V
0.8
V
VOLV
-0.8
1.
Number of outputs defined as “n”. Measured with “n-1” outputs switching from HIGH to LOW or LOW to HIGH. The
remaining output is measured in the LOW state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com