Electronic Components Datasheet Search
  English  ▼

X  

74LCX07 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74LCX07
Description  Low-voltage CMOS hex buffer (open drain)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX07 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74LCX07 Datasheet HTML 3Page - STMicroelectronics 74LCX07 Datasheet HTML 4Page - STMicroelectronics 74LCX07 Datasheet HTML 5Page - STMicroelectronics 74LCX07 Datasheet HTML 6Page - STMicroelectronics 74LCX07 Datasheet HTML 7Page - STMicroelectronics 74LCX07 Datasheet HTML 8Page - STMicroelectronics 74LCX07 Datasheet HTML 9Page - STMicroelectronics 74LCX07 Datasheet HTML 10Page - STMicroelectronics 74LCX07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74LCX07
Electrical characteristics
Doc ID 6818 Rev 8
7/16
Table 8.
AC electrical characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
Min.
Max.
tPLZ
Propagation delay time
2.7
50
500
2.5
7.0
ns
3.0 to 3.6
1.0
5.2
tPZL
Propagation delay time
2.7
50
500
2.5
7.0
ns
3.0 to 3.6
1.0
5.2
tOSLH
tOSHL
Output to output skew time(1), (2)
3.0 to 3.6
50
500
2.5
1.0
ns
1.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the
same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|).
2.
Parameter guaranteed by design.
Table 9.
Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input capacitance
3.3
VIN = 0 to VCC
6pF
COUT
Output capacitance
3.3
VIN = 0 to VCC
14
pF
CPD
Power dissipation capacitance(1)
3.3
fIN = 10 MHz
VIN = 0 or VCC
4.3
pF
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current
consumption without load. (Refer to Section 5: Test circuit). Average operating current can be obtained by the following
equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per gate).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com