Electronic Components Datasheet Search
  English  ▼

X  

83C198 Datasheet(PDF) 2 Page - Intel Corporation

Part # 83C198
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C198 Datasheet(HTML) 2 Page - Intel Corporation

  83C198 Datasheet HTML 1Page - Intel Corporation 83C198 Datasheet HTML 2Page - Intel Corporation 83C198 Datasheet HTML 3Page - Intel Corporation 83C198 Datasheet HTML 4Page - Intel Corporation 83C198 Datasheet HTML 5Page - Intel Corporation 83C198 Datasheet HTML 6Page - Intel Corporation 83C198 Datasheet HTML 7Page - Intel Corporation 83C198 Datasheet HTML 8Page - Intel Corporation 83C198 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
8XC198
272034 – 1
Figure 1 87C198 Block Diagram
EXTERNAL MEMORY OR IO
0FFFFH
4000H
INTERNAL ROMEPROM OR
EXTERNAL MEMORY
2080H
RESERVED
2040H
UPPER 8 INTERRUPT VECTORS
2030H
ROMOTP SECURITY KEY
2020H
RESERVED
2019H
CHIP CONFIGURATION BYTE
2018H
RESERVED
2014H
LOWER 8 INTERRUPT VECTORS
PLUS 2 SPECIAL INTERRUPTS
2000H
PORT 3 AND PORT 4
1FFEH
EXTERNAL MEMORY OR IO
0100H
INTERNAL DATA MEMORY - REGISTER FILE
(STACK POINTER RAM AND SFRS)
EXTERNAL PROGRAM CODE MEMORY
0000H
Figure 2 Memory Map
272034 – 7
Figure 3 Chip Configuration (2018H)
WARNING
Reserved memory locations must not be written or read The contents andor function of these locations may change with
future revisions of the device Therefore a program that relies on one or more of these locations may not function properly
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com