Electronic Components Datasheet Search
  English  ▼

X  

83C198 Datasheet(PDF) 7 Page - Intel Corporation

Part # 83C198
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C198 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 83C198 Datasheet HTML 3Page - Intel Corporation 83C198 Datasheet HTML 4Page - Intel Corporation 83C198 Datasheet HTML 5Page - Intel Corporation 83C198 Datasheet HTML 6Page - Intel Corporation 83C198 Datasheet HTML 7Page - Intel Corporation 83C198 Datasheet HTML 8Page - Intel Corporation 83C198 Datasheet HTML 9Page - Intel Corporation 83C198 Datasheet HTML 10Page - Intel Corporation 83C198 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
8XC198
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature
under Bias
b
55 Cto a125 C
Storage Temperature
b
65 Cto a150 C
Voltage on VPP or EA to
VSS or ANGND
b
03V to a130V
Voltage on Any Other Pin to VSS
b
05V to a70V
Power Dissipation(1)
15W
NOTE
1 Power dissipation is based on package heat transfer lim-
itations not device power consumption
NOTICE This data sheet contains preliminary infor-
mation on new products in production It is valid for
the devices indicated in the revision history The
specifications are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
(All characteristics in this data sheet apply to these operating conditions unless otherwise noted)
Symbol
Description
Min
Max
Units
TA
Ambient Temperature Under Bias
0
a
70
C
VCC
Digital Supply Voltage
450
550
V
VREF
Analog Supply Voltage
450
550
V
FOSC
Oscillator Frequency 16 MHz
35
16
MHz
NOTE
ANGND and VSS should be nominally at the same potential
DC CHARACTERISTICS
Symbol
Description
Min
Max
Units
Test Conditions
VIL
Input Low Voltage
b
05
08
V
VIH
Input High Voltage (1)
02 VCC a 09 VCC a 05
V
VIH1
Input High Voltage on XTAL1
07 VCC
VCC a 05
V
VIH2
Input High Voltage on RESET
26
VCC a 05
V
VOL
Output Low Voltage
03
V
IOL e 200 mA
045
V
IOL e 32 mA
15
V
IOL e 7mA
VOH
Output High Voltage
VCC b 03
V
IOH eb200 mA
(Standard Outputs)
VCC b 07
V
IOH eb32 mA
VCC b 15
V
IOH eb7mA
ILI
Input Leakage Current (Std Inputs)
g
10
m
A0 k VIN k VCC b 03V
ILI1
Input Leakage Current (Port 0)
a
3
m
A0 k VIN k VREF
IIL1
Logical 0 Input Current in Reset
b
6mA
VIN e 045 V
(ALE RD INST)
Hyst
Hysteresis on RESET Pin
300
mV
NOTE
1 All pins except RESET and XTAL1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com