Electronic Components Datasheet Search
  English  ▼

X  

INDEX61075MHZ Datasheet(PDF) 12 Page - Intel Corporation

Part # INDEX61075MHZ
Description  PENTIUM PROCESSOR at iCOMP INDEX 61075 MHz
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

INDEX61075MHZ Datasheet(HTML) 12 Page - Intel Corporation

Back Button INDEX61075MHZ Datasheet HTML 8Page - Intel Corporation INDEX61075MHZ Datasheet HTML 9Page - Intel Corporation INDEX61075MHZ Datasheet HTML 10Page - Intel Corporation INDEX61075MHZ Datasheet HTML 11Page - Intel Corporation INDEX61075MHZ Datasheet HTML 12Page - Intel Corporation INDEX61075MHZ Datasheet HTML 13Page - Intel Corporation INDEX61075MHZ Datasheet HTML 14Page - Intel Corporation INDEX61075MHZ Datasheet HTML 15Page - Intel Corporation INDEX61075MHZ Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
PENTIUM
®
PROCESSOR (610\75)
10
1/16/97 9:25 AM
24232302.DOC
INTEL CONFIDENTIAL
(until publication date)
Note that all input pins must meet their AC/DC
specifications to guarantee proper functional
behavior.
The # symbol at the end of a signal name indicates
that the active, or asserted state occurs when the
signal is at a low voltage. When a # symbol is not
present after the signal name, the signal is active,
or asserted at the high voltage level.
Table 3. Quick Pin Reference
Symbol
Type
Name and Function
A20M#
I
When the address bit 20 mask pin is asserted, the Pentium processor
(610\75) emulates the address wraparound at 1 Mbyte which occurs on the
8086. When A20M# is asserted, the Pentium processor (610\75) masks
physical address bit 20 (A20) before performing a lookup to the internal caches
or driving a memory cycle on the bus. The effect of A20M# is undefined in
protected mode. A20M# must be asserted only when the processor is in real
mode.
A31-A3
I/O
As outputs, the address lines of the processor along with the byte enables
define the physical area of memory or I/O accessed. The external system
drives the inquire address to the processor on A31-A5.
ADS#
O
The address status indicates that a new valid bus cycle is currently being
driven by the Pentium processor (610\75) .
AHOLD
I
In response to the assertion of address hold , the Pentium processor (610\75)
will stop driving the address lines (A31-A3), and AP in the next clock. The rest
of the bus will remain active so data can be returned or driven for previously
issued bus cycles.
AP
I/O
Address parity is driven by the Pentium processor (610\75) with even parity
information on all Pentium processor (610\75) generated cycles in the same
clock that the address is driven. Even parity must be driven back to the
Pentium processor (610\75) during inquire cycles on this pin in the same clock
as EADS# to ensure that correct parity check status is indicated by the Pentium
processor (610\75).
APCHK#
O
The address parity check status pin is asserted two clocks after EADS# is
sampled active if the Pentium processor (610\75) has detected a parity error on
the address bus during inquire cycles. APCHK# will remain active for one clock
each time a parity error is detected.
[APICEN]
PICD1
I
The Advanced Programmable Interrupt Controller Enable pin enables or
disables the on-chip APIC interrupt controller. If sampled high at the falling
edge of RESET, the APIC is enabled. APICEN shares a pin with the
Programmable Interrupt Controller Data 1 signal.
BE7#-BE5#
BE4#-BE0#
O
I/O
The byte enable pins are used to determine which bytes must be written to
external memory, or which bytes were requested by the CPU for the current
cycle. The byte enables are driven in the same clock as the address lines
(A31-3).
The lower four byte enables (BE3#-BE0#) are used on the Pentium processor
(610\75) as APIC ID inputs and are sampled at RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com